Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-32/V/SVB Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # P1-32/V/SVB
Description  Main switch, 3 pole, 32 A, Emergency-Stop function, Lockable in the 0 (Off) position, rear mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-32/V/SVB Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  P1-32/V/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 5Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
690 V
P
kW
15
Rated operational current motor load switch
 
 
 
230 V
Ie
A
32
400 V 415 V
Ie
A
32
500 V
Ie
A
30
690 V
Ie
A
19.8
DC
 
 
 
DC-1, Load-break switches L/R = 1 ms
 
 
 
Rated operational current
Ie
A
32
Voltage per contact pair in series
 
V
60
DC-23A, motor load switch L/R = 15 ms
 
 
 
24 V
 
 
 
Rated operational current
Ie
A
25
Contacts
 
Quantity 1
48 V
 
 
 
Rated operational current
Ie
A
25
Contacts
 
Quantity 2
60 V
 
 
 
Rated operational current
Ie
A
25
Contacts
 
Quantity 2
120 V
 
 
 
Rated operational current
Ie
A
12
Contacts
 
Quantity 3
Control circuit reliability at 24 V DC, 10 mA
Fault
probability
HF
< 10 -5, < 1 fault in 100000 operations
Terminal capacities
Solid or stranded
 
mm2
1 x (1,5 - 6)
2 x (1,5 - 6)
Flexible with ferrules to DIN 46228
 
mm2
1 x (1 - 4)
2 x (1 - 4)
Terminal screw
 
 
M4
Tightening torque for terminal screw
 
Nm
1.6
Technical safety parameters:
Notes
 
 
B10d values as per EN ISO 13849-1, table C1
Rating data for approved types
Contacts
 
 
 
Rated operational voltage
Ue
V AC
600
Rated uninterrupted current max.
 
 
 
Main conducting paths
 
 
 
General use
 
A
30
Auxiliary contacts
 
 
 
General Use
IU
A
10
Pilot Duty
 
 
A 600
P 600
Switching capacity
 
 
 
Maximum motor rating
 
 
 
Single-phase
 
 
 
120 V AC
 
HP
1
200 V AC
 
HP
2
240 V AC
 
HP
3
Three-phase
 
 
 
200 V AC
 
HP
3
240 V AC
 
HP
7.5
480 V AC
 
HP
10
600 V AC
 
HP
15
Short Circuit Current Rating
 
SCCR  
Basic Rating
 
kA
5
02/18/2019
Eaton 095676 ED2019 V52.0 EN
3 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com