Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-32/V/SVB Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # P1-32/V/SVB
Description  Main switch, 3 pole, 32 A, Emergency-Stop function, Lockable in the 0 (Off) position, rear mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-32/V/SVB Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  P1-32/V/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 5Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rated impulse withstand voltage
Uimp
V AC
6000
Mechanical shock resistance
 
g
15
Mounting position
 
 
As required
Contacts
Mechanical variables
 
 
 
Number of poles
 
 
3 pole
Auxiliary contacts
 
 
 
 
 
N/O
0
 
 
N/C
0
Electrical characteristics
 
 
 
Rated operational voltage
Ue
V AC
690
Rated uninterrupted current
Iu
A
32
Note on rated uninterrupted current !u
 
 
Rated uninterrupted current Iu is specified for max. cross-section.
Load rating with intermittent operation, class 12
 
 
 
AB 25 % DF
 
x Ie
2
AB 40 % DF
 
x Ie
1.6
AB 60 % DF
 
x Ie
1.3
Short-circuit rating
 
 
 
Fuse
 
A gG/gL 50
Rated short-time withstand current (1 s current)
Icw
Arms
640
Note on rated short-time withstand current lcw
 
 
Current for a time of 1 second
Rated conditional short-circuit current
Iq
kA
80
Switching capacity
cos ϕ rated making capacity as per IEC 60947-3
 
A
320
Rated breaking capacity cos ϕ to IEC 60947-3
 
A
 
230 V
 
A
260
400/415 V
 
A
300
500 V
 
A
290
690 V
 
A
250
Safe isolation to EN 61140
 
 
 
between the contacts
 
V AC
440
Current heat loss per contact at Ie
 
W
1.8
Lifespan, mechanical
Operations x106 >0.3
Maximum operating frequency
Operations/h  
1200
AC
 
 
 
AC-3
 
 
 
Rating, motor load switch
P
kW
 
220 V 230 V
P
kW
7.5
400 V 415 V
P
kW
13
500 V
P
kW
18.5
690 V
P
kW
15
Rated operational current motor load switch
 
 
 
230 V
Ie
A
26.4
400V 415 V
Ie
A
26.4
500 V
Ie
A
23.4
690 V
Ie
A
14.7
AC-21A
 
 
 
Rated operational current switch
 
 
 
440 V
Ie
A
32
AC-23A
 
 
 
Motor rating AC-23A, 50 - 60 Hz
P
kW
 
230 V
P
kW
7.5
400 V 415 V
P
kW
15
500 V
P
kW
18.5
02/18/2019
Eaton 095676 ED2019 V52.0 EN
2 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com