Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3530 Datasheet(PDF) 39 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD3530 Datasheet HTML 35Page - Analog Devices AD3530 Datasheet HTML 36Page - Analog Devices AD3530 Datasheet HTML 37Page - Analog Devices AD3530 Datasheet HTML 38Page - Analog Devices AD3530 Datasheet HTML 39Page - Analog Devices AD3530 Datasheet HTML 40Page - Analog Devices AD3530 Datasheet HTML 41Page - Analog Devices AD3530 Datasheet HTML 42Page - Analog Devices AD3530 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Data Sheet
AD3530/AD3530R
REGISTER DETAILS
analog.com
Rev. A | 39 of 49
Table 25. Bit Descriptions for INTERFACE_STATUS_A (Continued)
Bits
Bit Name
Description
Reset
Access
1
REGISTER_PARTIAL_ACCESS_ERR
Set When Fewer Than Expected Number of Bytes Read/Written. This bit is only valid when
strict register access is enabled.
0x0
R/W1C
0
RESERVED
Reserved.
0x0
R
OUTPUT OPERATING MODE 0 REGISTER
Address: 0x20, Reset: 0xFF, Name: OUTPUT_OPERATING_MODE_0
Configures the operating modes for channel 0 to channel 3
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
[7:6] MODE_CH_3 (R/W)
[1:0] MODE_CH_0 (R/W)
[5:4] MODE_CH_2 (R/W)
[3:2] MODE_CH_1 (R/W)
Table 26. Bit Descriptions for OUTPUT_OPERATING_MODE_0
Bits
Bit Name
Description
Reset
Access
[7:6]
MODE_CH_3
Mode Channel 3. Output operating mode for channel 3
0x3
R/W
00: Normal operation.
01: Powered down: 1kΩ output impedance.
10: Powered down: 7.7kΩ output impedance.
11: Powered down: 32kΩ output impedance.
[5:4]
MODE_CH_2
Mode Channel 2. Output operating mode for channel 2
0x3
R/W
00: Normal operation.
01: Powered down: 1kΩ output impedance.
10: Powered down: 7.7kΩ output impedance.
11: Powered down: 32kΩ output impedance.
[3:2]
MODE_CH_1
Mode Channel 1. Output operating mode for channel 1
0x3
R/W
00: Normal operation.
01: Powered down: 1kΩ output impedance.
10: Powered down: 7.7kΩ output impedance.
11: Powered down: 32kΩ output impedance.
[1:0]
MODE_CH_0
Mode Channel 0. Output operating mode for channel 0
0x3
R/W
00: Normal operation.
01: Powered down: 1kΩ output impedance.
10: Powered down: 7.7kΩ output impedance.
11: Powered down: 32kΩ output impedance.
OUTPUT OPERATING MODE 1 REGISTER
Address: 0x21, Reset: 0xFF, Name: OUTPUT_OPERATING_MODE_1
Configures the operating modes for Channel 4 to Channel 7
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
[7:6] MODE_CH_7 (R/W)
[1:0] MODE_CH_4 (R/W)
[5:4] MODE_CH_6 (R/W)
[3:2] MODE_CH_5 (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com