Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3530 Datasheet(PDF) 19 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD3530 Datasheet HTML 15Page - Analog Devices AD3530 Datasheet HTML 16Page - Analog Devices AD3530 Datasheet HTML 17Page - Analog Devices AD3530 Datasheet HTML 18Page - Analog Devices AD3530 Datasheet HTML 19Page - Analog Devices AD3530 Datasheet HTML 20Page - Analog Devices AD3530 Datasheet HTML 21Page - Analog Devices AD3530 Datasheet HTML 22Page - Analog Devices AD3530 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Data Sheet
AD3530/AD3530R
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 19 of 49
Figure 49. MUX_OUT Error vs. Internal Die Temperature
Figure 50. MUX_OUT to VOUTx Glitch
Figure 51. VOUT AC PSRR vs. Frequency
Figure 52. MUX_OUT AC PSRR vs. Frequency
Figure 53. MUX_OUT NSD
Figure 54. MUX_OUT 0.1Hz to 10Hz (1/f) Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com