Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 45Page - STMicroelectronics STPM34 Datasheet HTML 46Page - STMicroelectronics STPM34 Datasheet HTML 47Page - STMicroelectronics STPM34 Datasheet HTML 48Page - STMicroelectronics STPM34 Datasheet HTML 49Page - STMicroelectronics STPM34 Datasheet HTML 50Page - STMicroelectronics STPM34 Datasheet HTML 51Page - STMicroelectronics STPM34 Datasheet HTML 52Page - STMicroelectronics STPM34 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
Examples
All frames in the following examples do not contain CRC byte, which has to be added just in case the feature has
not been disabled previously. After that CRC has been disabled, the frame consists of four bytes only.
To write bits from 31 to 16 (most significant bits) in row 1 with data byte 0xABCD and read row 2 in the following
transaction, the first four bytes of the transmission (without CRC) are: 04_03_CD_AB. To receive data from
register 04 the master should send the frame: FF_FF_FF_FF.
To write lower (least significant) 16-bits in row 3 with data #AABB and read back from the same row the frame to
send is 06_06_BB_AA, followed by the frame FF_FF_FF_FF to receive requested data from the device.
The sent frame changes according to LSBfirst setting:
Table 25. LSBfirst example
LSBfirst = 0
04_03_CD_AB
LSBfirst = 1
20_C0_B3_D5
MISO line is valid as well. In this case, there is a full-reverse data transmission when LSBfirst = 1,since data bit
reception order changes as shown in Table 26.
Table 26. LSBfirst and MISO line
Byte[0]
Byte[1]
Byte[2]
Byte[3]
LSBfirst = 0
[7:0]
[15:8]
[23:16]
[31:24]
LSBfirst = 1
[0:7]
[8:15]
[16:23]
[24:31]
LSBfirst can be programmed using the transactions (other configuration bits involved in the transaction are set to
their default states):
Table 27. LSBfirst programming
LSBfirst = 1
24_24_07_CO
LSBfirst = 0
24_24_EO_02
The transaction to write LSBfirst = 0 is byte-reversed, since the system has moved from the LSBfirst = 1
condition. The read address is set so to read in the following transaction the content of US_REG1.
Following the frames to enable/disable CRC feature:
Table 28. CRCenable programming
CRCenable = 1
24_24_07_40
CRCenable = 0
24_24_07_00
To reset all SPI and UART status register's bits, the following frame should be sent: 28_29_00_00.
To clear SPI status bits only, SPI-master can send 1 s sequence to UART status bit register. Referring to the
previous example, this leads to the following transaction: 28_29_FF_00.
Events are associated to interrupts so that, when the correspondent event mask bit in SPI IRQ register is
activated, INT line is sensitive to that event.
For example, to activate CRC error interrupt (bit 12, related to status bit 28), the mask 0x1000 has to be written to
write address 0x28 by the following transaction: 28_28_00_10.
STPM32, STPM33, STPM34
Communication protocol
DS10272 - Rev 13
page 49/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com