Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 28Page - STMicroelectronics STPM34 Datasheet HTML 29Page - STMicroelectronics STPM34 Datasheet HTML 30Page - STMicroelectronics STPM34 Datasheet HTML 31Page - STMicroelectronics STPM34 Datasheet HTML 32Page - STMicroelectronics STPM34 Datasheet HTML 33Page - STMicroelectronics STPM34 Datasheet HTML 34Page - STMicroelectronics STPM34 Datasheet HTML 35Page - STMicroelectronics STPM34 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 89 page
background image
Figure 37. Power sign status bit delay
Power
Sign
t < T/2
t = T/2
t = T/2
8.4.6
Calculation of power and energy
In the following section, constant parameters, coming from the device architecture, are used:
Table 12. STPM3x internal parameters
Parameter
Value
Voltage reference
VREF = 1.18 [V]
Decimation clock
DCLK = 7812.5 [Hz]
Integrator gain
(for Rogowski coil only)
kint = 1
If ROC bit = 0 in DSP_CR1,2
kint = 0.8155773
If ROC bit = 1 in DSP_CR1,2
Basic calculations are listed in Table 13:
Table 13. STPM3x basic calculations
Parameter
Voltage
Current Shunt
Current CT
Current RoCoil
Gain
AV=2
AI=16
AI=2
AI=16
Calibrators(1)
calV=0.875
calI=0.875
Sensitivity
R2R1+R2 V/A kS=RSℎuntΩ kS=RbNV/A kS=kRoCoilV/A
Voltage at channel
inputs
VinV= R2R1+R2∙V V
VinC=kS∙I V
Integrator gain (only for
Rogowski Coil sensor)
-
kint=1
kint=0.8155773
ΣΔ bit stream(2)
VΣΔ=VinV∙ AVVref
IΣΔ=VinC∙ AIVref
IΣΔ= VinC∙AI
Vref∙kint
Input active power
Pin=V∙I∙cosφ=V∙I W
Active power
P=VΣΔ∙calV∙IΣΔ∙calC∙cosφ
LED freq at rated
power(3)
LEDf= P∙DClk
LED_PWM∙2Hz
Constant pulse
CP=LEDfPinpulsesWs =3600000∙LEDf
Pin pulseskWℎ
CP=12∙ R2R1+R2∙kS∙kint∙AV∙AI∙calV∙calI
Vref2 ∙ DClk
LED_PWM pulsesWs
Pulse value
Ppulse= 1CP Wspulses
Power register
normalized
pn Pnorm= −1∙228∙pn 28+pn 27:0
228
STPM32, STPM33, STPM34
Functional description of hardwired DSP
DS10272 - Rev 13
page 32/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com