Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 33Page - STMicroelectronics STPM34 Datasheet HTML 34Page - STMicroelectronics STPM34 Datasheet HTML 35Page - STMicroelectronics STPM34 Datasheet HTML 36Page - STMicroelectronics STPM34 Datasheet HTML 37Page - STMicroelectronics STPM34 Datasheet HTML 38Page - STMicroelectronics STPM34 Datasheet HTML 39Page - STMicroelectronics STPM34 Datasheet HTML 40Page - STMicroelectronics STPM34 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 89 page
background image
Figure 42. Sag and swell detection blocks
Vx_SAG_start
SAG
SAGx_TIME[14:0]
SAG_THRx[9:0]
SAG_TIME_THR[13:0]
SWV_THRx[9:0]
SWV_EV[3:0]
SWV_TIME[14:0]
SWELL
SWC_THRx[9:0]
SWC_EV[3:0]
SWC_TIME[14:0]
ClearSS
Vx Fund[23:0]
SAGx_EV[3:0]
Vx_SAG_end
Vx Fund[23:0]
Cx Fund[23:0]
Vx_SWELL_start
Vx_SWELL_end
Cx_SWELL_start
Cx_SWELL_end
Voltage sag detection
To detect a voltage sag, the fundamental component of voltage is compared to the 10-bit threshold
SAG_THRx[9:0] in DSP_CR5 and DSP_CR7 for primary and secondary channel respectively.
An internal time counter is incremented until momentary voltage value is below the threshold. Sag event is
recorded when the timer counter reaches a programmable value set by SAG_TIME_THR[13:0] bits in DSP_CR3.
This time threshold is unique for both channels.
When a sag event is detected, LSB of SAGx_EV[3:0] event register and SAG_Start bit are set in the interrupt
status register and an interrupt is generated.
If sag event ceases, SAGx_EV register is left shifted and zero is added as LSB, besides, SAG_end bit in the
interrupt status register is set as well.
The duration of the event is stored in SAGx_TIME[14:0] in DSP_REG16 and DSP_REG18 for primary and
secondary voltage channel respectively.
If the overflow of SAG_TIME register occurs, SAGx_EV register is left shifted and its LSB is set, as shown in
Figure 43.
LSB of time registers is 8 μs.
To disable sag detection, the SAG_THRx register must be set to zero.
STPM32, STPM33, STPM34
Functional description of hardwired DSP
DS10272 - Rev 13
page 37/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com