Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4R02UY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH4R02UY
Description  Automotive ultrafast recovery diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R02UY Datasheet(HTML) 1 Page - STMicroelectronics

  STTH4R02UY Datasheet HTML 1Page - STMicroelectronics STTH4R02UY Datasheet HTML 2Page - STMicroelectronics STTH4R02UY Datasheet HTML 3Page - STMicroelectronics STTH4R02UY Datasheet HTML 4Page - STMicroelectronics STTH4R02UY Datasheet HTML 5Page - STMicroelectronics STTH4R02UY Datasheet HTML 6Page - STMicroelectronics STTH4R02UY Datasheet HTML 7Page - STMicroelectronics STTH4R02UY Datasheet HTML 8Page - STMicroelectronics STTH4R02UY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
April 2016
DocID17391 Rev 2
1/14
This is information on a product in full production.
www.st.com
STTH4R02-Y
Automotive ultrafast recovery diode
Datasheet - production data
Features
Very low conduction losses
Negligible switching losses
Low forward and reverse recovery times
High junction temperature
PPAP capable
AEC-Q101 qualified
Description
This device uses ST's new 200 V planar Pt
doping technology, and it is especially suited for
switching mode base drive and transistor circuits.
Packaged in SMB, SMC and DPAK, it is intended
for use in low voltage, high frequency inverters,
freewheeling and polarity protection in
automotive applications.
Table 1: Device summary
Symbol
Value
IF(AV)
4 A
VRRM
200 V
Tj (max.)
175 °C
VF (typ.)
0.76 V
trr (typ.)
16 ns
SMB
K
K
A
SMC
A
K
A
A
DPAK
K
NC


Similar Part No. - STTH4R02UY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH4R02UY STMICROELECTRONICS-STTH4R02UY Datasheet
114Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
More results

Similar Description - STTH4R02UY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y Datasheet
96Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH4R02-Y STMICROELECTRONICS-STTH4R02-Y Datasheet
109Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH602C-Y STMICROELECTRONICS-STTH602C-Y Datasheet
99Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH802-Y STMICROELECTRONICS-STTH802-Y Datasheet
105Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH810-Y STMICROELECTRONICS-STTH810-Y Datasheet
111Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
STTH1210-Y STMICROELECTRONICS-STTH1210-Y Datasheet
106Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
STTH3010-Y STMICROELECTRONICS-STTH3010-Y Datasheet
196Kb / 9P
Automotive ultrafast recovery - high voltage diode
28-Jun-2012
STTH4R02UY STMICROELECTRONICS-STTH4R02UY Datasheet
114Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH2R02UY STMICROELECTRONICS-STTH2R02UY Datasheet
95Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH1R04-Y STMICROELECTRONICS-STTH1R04-Y Datasheet
163Kb / 10P
Automotive ultrafast recovery diode
09-Jul-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com