Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4R02UY Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH4R02UY
Description  Automotive ultrafast recovery diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R02UY Datasheet(HTML) 3 Page - STMicroelectronics

  STTH4R02UY Datasheet HTML 1Page - STMicroelectronics STTH4R02UY Datasheet HTML 2Page - STMicroelectronics STTH4R02UY Datasheet HTML 3Page - STMicroelectronics STTH4R02UY Datasheet HTML 4Page - STMicroelectronics STTH4R02UY Datasheet HTML 5Page - STMicroelectronics STTH4R02UY Datasheet HTML 6Page - STMicroelectronics STTH4R02UY Datasheet HTML 7Page - STMicroelectronics STTH4R02UY Datasheet HTML 8Page - STMicroelectronics STTH4R02UY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STTH4R02-Y
Characteristics
DocID17391 Rev 2
3/14
Table 5: Dynamic characteristics
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse
recovery time
Tj = 25 °C
IF = 1 A; dIF/dt = -
50 A/μs;
VR = 30 V
-
24
30
ns
IF = 1 A; dIF/dt = -
100 A/μs;
VR = 30 V
-
16
20
IRM
Reverse
recovery
current
Tj = 125 °C
IF = 4 A; dIF/dt = -
200 A/μs;
VR = 160 V
-
4.4
5.5
A
trr
Reverse
recovery time
-
27
ns
Qrr
Reverse
recovery
charges
-
60
nC
1.1
Characteristics (curves)
Figure 1: Peak current versus duty cycle
Figure 2: Forward voltage drop versus forward
current (typical values)
Figure 3: Forward voltage drop versus forward
current (maximum values)
Figure 4: Relative variation of thermal impedance,
junction to case, versus pulse duration
0
5
10
15
20
25
30
35
40
45
50
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
δ
IM(A)
T
δ= tp/T
tp
P = 1 W
P = 2 W
P = 5 W
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IFM(A)
T
j=25°C
T
j=150°C
VFM(V)
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VFM(V)
IFM(A)
T =25°C
j
T =150°C
j
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Zth(j-c)/Rth(j-c)
t
P
(s)
DPAK
Single pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com