Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4R02UY Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH4R02UY
Description  Automotive ultrafast recovery diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R02UY Datasheet(HTML) 4 Page - STMicroelectronics

  STTH4R02UY Datasheet HTML 1Page - STMicroelectronics STTH4R02UY Datasheet HTML 2Page - STMicroelectronics STTH4R02UY Datasheet HTML 3Page - STMicroelectronics STTH4R02UY Datasheet HTML 4Page - STMicroelectronics STTH4R02UY Datasheet HTML 5Page - STMicroelectronics STTH4R02UY Datasheet HTML 6Page - STMicroelectronics STTH4R02UY Datasheet HTML 7Page - STMicroelectronics STTH4R02UY Datasheet HTML 8Page - STMicroelectronics STTH4R02UY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Characteristics
STTH4R02-Y
4/14
DocID17391 Rev 2
Figure 5: Relative variation of thermal impedance,
junction to ambient, versus pulse duration (SMB)
Figure 6: Relative variation of thermal impedance,
junction to ambient, versus pulse duration (SMC)
Figure 7: Junction capacitance versus reverse
applied voltage (typical values)
Figure 8: Reverse recovery charges versus dlF/dt
(typical values)
Figure 9: Reverse recovery time versus dlF/dt
(typical values)
Figure 10: Peak reverse recovery current versus
dlF/dt (typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Zth(j-a)/Rth(j-a)
t
P
(s)
SMB
SCU = 1 cm²
0.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0.1
Zth(j-a)/Rth(j-a)
tP(s)
SMC
S
CU = 1 cm²
10
100
1
10
100
1000
C(pF)
V
R
(V)
F = 1 MHz
V
OSC
= 30 mV
RMS
T
j
= 25 °C
0
20
40
60
80
100
120
0
50
100
150
200
250
300
350
400
450
500
Q
RR
(nC)
T
j
= 125 °C
dl
F
/dt (A/µs)
T
j
= 25 °C
I
F
= 4 A
VR= 160 V
0
10
20
30
40
50
60
70
80
10
100
1000
tRR(ns)
T
j
= 125 °C
dlF/dt (A/µs)
T
j
= 25 °C
I
F
= 4 A
V
R
= 160 V
0
2
4
6
8
10
0
50
100
150
200
250
300
350
400
450
500
IRM(A)
T
j = 125 °C
dlF/dt (A/µs)
T
j = 25 °C
I
F = 4 A
V
R = 160 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com