Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4R02SY Datasheet(PDF) 11 Page - STMicroelectronics

Part # STTH4R02SY
Description  Automotive ultrafast recovery diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R02SY Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STTH4R02SY Datasheet HTML 6Page - STMicroelectronics STTH4R02SY Datasheet HTML 7Page - STMicroelectronics STTH4R02SY Datasheet HTML 8Page - STMicroelectronics STTH4R02SY Datasheet HTML 9Page - STMicroelectronics STTH4R02SY Datasheet HTML 10Page - STMicroelectronics STTH4R02SY Datasheet HTML 11Page - STMicroelectronics STTH4R02SY Datasheet HTML 12Page - STMicroelectronics STTH4R02SY Datasheet HTML 13Page - STMicroelectronics STTH4R02SY Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STTH4R02-Y
Package information
DocID17391 Rev 2
11/14
Table 8: SMB package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.0748
0.0965
A2
0.05
0.20
0.0020
0.0079
b
1.95
2.20
0.0768
0.0867
c
0.15
0.40
0.0059
0.0157
D
3.30
3.95
0.1299
0.1556
E
5.10
5.60
0.2008
0.2205
E1
4.05
4.60
0.1594
0.1811
L
0.75
1.50
0.0295
0.0591
Figure 20: SMB recommended Footprint
millimeters
(inches)
1.62
0.064
1.62
0.064
2.60
(0.102)
5.84
(0.230)
2.18
(0.086)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com