Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4R02SY Datasheet(PDF) 12 Page - STMicroelectronics

Part # STTH4R02SY
Description  Automotive ultrafast recovery diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R02SY Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STTH4R02SY Datasheet HTML 6Page - STMicroelectronics STTH4R02SY Datasheet HTML 7Page - STMicroelectronics STTH4R02SY Datasheet HTML 8Page - STMicroelectronics STTH4R02SY Datasheet HTML 9Page - STMicroelectronics STTH4R02SY Datasheet HTML 10Page - STMicroelectronics STTH4R02SY Datasheet HTML 11Page - STMicroelectronics STTH4R02SY Datasheet HTML 12Page - STMicroelectronics STTH4R02SY Datasheet HTML 13Page - STMicroelectronics STTH4R02SY Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Ordering information
STTH4R02-Y
12/14
DocID17391 Rev 2
3
Ordering information
Figure 21: Ordering information scheme
Table 9: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STTH4R02BY-TR
STTH4 R02BY
DPAK
0.320 g
2500
Tape and reel
STTH4R02UY
4R2UY
SMB
0.110 g
2500
Tape and reel
STTH4R02SY
4R2SY
SMC
0.243 g
2500
Tape and reel
STTH 4 R 02 xxx
Ultrafast switching diode
Average forward current
4 = 4 A
Model R
Repetitive peak reverse voltage
02 = 200 V
Package
BY-TR = DPAK in tape and reel
UY = SMB in tape and reel
SY = SMC in tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com