Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4R02SY Datasheet(PDF) 13 Page - STMicroelectronics

Part # STTH4R02SY
Description  Automotive ultrafast recovery diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R02SY Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STTH4R02SY Datasheet HTML 6Page - STMicroelectronics STTH4R02SY Datasheet HTML 7Page - STMicroelectronics STTH4R02SY Datasheet HTML 8Page - STMicroelectronics STTH4R02SY Datasheet HTML 9Page - STMicroelectronics STTH4R02SY Datasheet HTML 10Page - STMicroelectronics STTH4R02SY Datasheet HTML 11Page - STMicroelectronics STTH4R02SY Datasheet HTML 12Page - STMicroelectronics STTH4R02SY Datasheet HTML 13Page - STMicroelectronics STTH4R02SY Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STTH4R02-Y
Revision history
DocID17391 Rev 2
13/14
4
Revision history
Table 10: Document revision history
Date
Revision
Changes
03-Dec-2010
1
First issue
14-Apr-2016
2
Added device in DPAK.
Updated features and description in cover page.
Updated Table 2: "Absolute ratings (limiting values at 25 °C, unless
otherwise specified)", Table 3: "Thermal parameters" and Table 5:
"Dynamic characteristics".
Updated Figure 2: "Forward voltage drop versus forward current
(typical values)" and Figure 3: "Forward voltage drop versus forward
current (maximum values)".
Updated Section 4: "Ordering information".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com