Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMP461
Description  TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 21Page - Texas Instruments TMP461 Datasheet HTML 22Page - Texas Instruments TMP461 Datasheet HTML 23Page - Texas Instruments TMP461 Datasheet HTML 24Page - Texas Instruments TMP461 Datasheet HTML 25Page - Texas Instruments TMP461 Datasheet HTML 26Page - Texas Instruments TMP461 Datasheet HTML 27Page - Texas Instruments TMP461 Datasheet HTML 28Page - Texas Instruments TMP461 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
16
Average Conversion Current
15 ms
240 $
s
16
15 ms
400 $
s
16
15 $
PV
PV
s
161 $
§
·
˜
¨
¸
©
¹
§
·
˜
˜
¨
¸
©
¹
ª
º
§
·
˜
˜
«
»
¨
¸
©
¹
¬
¼
Q
Q
Q
Average Conversion Current
Local ADC Conversion Time
Conversions per Second
Local Active I
Remote ADC Conversion Time
Conversions per Second
Remote Active I
Standby Mode I
1
Local ADC Conversion Ti
˜
˜
˜
˜
˜
me
Remote ADC Conversion Time
Conversions per Second
ª
º
˜
¬
¼
.
.
.
.
.
ERR
ERR
1 004
1 008
T
=
273 15
100 C
1 008
T
1 48 C
§
·
u
q
¨
¸
©
¹
q
25
TMP461
www.ti.com
SBOS722B – JUNE 2015 – REVISED AUGUST 2016
Product Folder Links: TMP461
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Application (continued)
For η = 1.004 and T(°C) = 100°C:
(5)
If a discrete transistor is used as the remote temperature sensor with the TMP461, the best accuracy can be
achieved by selecting the transistor according to the following criteria:
1. Base-emitter voltage is > 0.25 V at 7.5 μA, at the highest-sensed temperature.
2. Base-emitter voltage is < 0.95 V at 120 μA, at the lowest-sensed temperature.
3. Base resistance is < 100
Ω.
4. Tight control of VBE characteristics indicated by small variations in hFE (that is, 50 to 150).
Based on this criteria, two recommended small-signal transistors are the 2N3904 (NPN) or 2N3906 (PNP).
9.2.2 Detailed Design Procedure
The local temperature sensor inside the TMP461 device monitors the ambient air around the device. The thermal
time constant for the TMP461 device is approximately two seconds. This constant implies that if the ambient air
changes quickly by 100°C, then the TMP461 device takes approximately 10 seconds (that is, five thermal time
constants) to settle to within 1°C of the final value. In most applications, the TMP461 package is in electrical, and
therefore thermal, contact with the printed circuit board (PCB), as well as subjected to forced airflow. The
accuracy of the measured temperature directly depends on how accurately the PCB and forced airflow
temperatures represent the temperature that the TMP461 is measuring. Additionally, the internal power
dissipation of the TMP461 can cause the temperature to rise above the ambient or PCB temperature. The
internal power dissipated as a result of exciting the remote temperature sensor is negligible because of the small
currents used. Equation 6 can be used to calculate the average conversion current for power dissipation and
self-heating based on the number of conversions per second and temperature sensor channel enabled.
Equation 7 shows an example with local and remote sensor channels enabled and 16 conversions per second;
see the Electrical Characteristics table for typical values required for these calculations. For a 3.3-V supply and a
conversion rate of 16 conversions per second, the TMP461 device dissipates 0.531 mW (PDIQ = 3.3 V × 161 μA)
when both the remote and local channels are enabled.
(6)
(7)
The temperature measurement accuracy of the TMP461 device depends on the remote and local temperature
sensor being at the same temperature as the system point being monitored. If the temperature sensor is not in
good thermal contact with the part of the system being monitored, then there is a delay between the sensor
response and the system changing temperature. This delay is usually not a concern for remote temperature-
sensing applications that use a substrate transistor (or a small, SOT23 transistor) placed close to the device
being monitored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com