Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP461
Description  TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 8Page - Texas Instruments TMP461 Datasheet HTML 9Page - Texas Instruments TMP461 Datasheet HTML 10Page - Texas Instruments TMP461 Datasheet HTML 11Page - Texas Instruments TMP461 Datasheet HTML 12Page - Texas Instruments TMP461 Datasheet HTML 13Page - Texas Instruments TMP461 Datasheet HTML 14Page - Texas Instruments TMP461 Datasheet HTML 15Page - Texas Instruments TMP461 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Samples
Disabled
Level1
Level 2
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Samples
Disabled
Level 1
Level 2
12
TMP461
SBOS722B – JUNE 2015 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TMP461
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.3.2 Series Resistance Cancellation
Series resistance cancellation automatically eliminates the temperature error caused by the resistance of the
routing to the remote transistor or by the resistors of the optional external low-pass filter. A total of up to 1 kΩ of
series resistance can be cancelled by the TMP461 device, thus eliminating the need for additional
characterization and temperature offset correction. See Figure 5 (Remote Temperature Error vs Series
Resistance) for details on the effects of series resistance on sensed remote temperature error.
8.3.3 Differential Input Capacitance
The TMP461 device tolerates differential input capacitance of up to 1000 pF with minimal change in temperature
error. The effect of capacitance on the sensed remote temperature error is illustrated in Figure 6 (Remote
Temperature Error vs Differential Capacitance).
8.3.4 Filtering
Remote junction temperature sensors are usually implemented in a noisy environment. Noise is most often
created by fast digital signals that can corrupt measurements. The TMP461 device has a built-in, 65-kHz filter on
the D+ and D– inputs to minimize the effects of noise. However, a bypass capacitor placed differentially across
the inputs of the remote temperature sensor is recommended to make the application more robust against
unwanted coupled signals. For this capacitor, select a value between 100 pF differential and 1 nF. Some
applications attain better overall accuracy with additional series resistance. However, this increased accuracy is
application-specific. When series resistance is added, the total value must not be greater than 1 k
Ω. If filtering is
required, suggested component values are 100 pF differential and 50
Ω on each input; exact values are
application-specific.
Additionally, a digital filter is available for the remote temperature measurements to further reduce the effect of
noise. This filter is programmable and has two levels when enabled. Level 1 performs a moving average of four
consecutive samples. Level 1 filtering can be achieved by setting the digital filter control register (read address
24h, write address 24h) to 01h. Level 2 performs a moving average of eight consecutive samples. Level 2
filtering can be achieved by setting the digital filter control register (read address 24h, write address 24h) to 02h.
The value stored in the remote temperature result register is the output of the digital filter, and is the value that
the ALERT and THERM limits are compared to. The digital filter provides additional immunity to noise and spikes
on the ALERT and THERM outputs. The filter responses to impulse and step inputs are shown in Figure 11 and
Figure 12, respectively. The filter can be enabled or disabled by programming the desired levels in the digital
filter register; see Table 4. The digital filter is disabled by default and on POR.
Figure 11. Filter Response to Impulse Inputs
Figure 12. Filter Response to Step Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com