Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP411CD Datasheet(PDF) 32 Page - Texas Instruments

Part # TMP411CD
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411CD Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP411CD Datasheet HTML 28Page - Texas Instruments TMP411CD Datasheet HTML 29Page - Texas Instruments TMP411CD Datasheet HTML 30Page - Texas Instruments TMP411CD Datasheet HTML 31Page - Texas Instruments TMP411CD Datasheet HTML 32Page - Texas Instruments TMP411CD Datasheet HTML 33Page - Texas Instruments TMP411CD Datasheet HTML 34Page - Texas Instruments TMP411CD Datasheet HTML 35Page - Texas Instruments TMP411CD Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
8.1 Register Information
The TMP411/TMP411D contains multiple registers for holding configuration information, temperature
measurement results, maximum and minimum temperature comparator limits, and status information. These
registers are described in Figure 8-1 and Table 8-1.
8.2 Pointer Register
Figure 8-1 shows the internal register structure of the TMP411/TMP411D. The 8-bit pointer register addresses a
given data register. The Pointer Register identifies which of the data registers must respond to a read or write
command on the two-wire bus. This register is set with every write command. A write command must be issued
to set the proper value in the pointer register before executing a read command. Table 8-1 lists the pointer
address of the registers available in the TMP411/TMP411D. Offset registers 11 and 12 are only available for the
TMP411E/TMP411DE device . The power-on-reset (POR) value of the Pointer Register is 00h (0000 0000b).
Local and Remote Temperature Registers
I/O
Control
Interface
Pointer Register
Configuration Register
Status Register
Local and Remote Temperature Limit Registers
Conversion Rate Register
Remote Temperature Offset Registers
One-Shot Start Register
Local and Remote THERM Limit Registers
THERM Hysteresis Register
N-factor Correction Register
Consecutive ALERT Register
Digital Filter Register
Manufacturer ID Register
SDA
SCL
Figure 8-1. Internal Register Structure
8.3 Temperature Registers
The TMP411/TMP411D has four 8-bit registers that hold temperature measurement results. The local and
remote channels have a high byte register that contains the most significant bits (MSBs) of the temperature
analog-to-digital converter (ADC) result and a low byte register that contains the least significant bits (LSBs) of
the temperature ADC result. The local channel high byte address is 00h; the local channel low byte address
is 15h. The remote channel high byte is at address 01h; the remote channel low byte address is 10h. These
registers are read-only and are updated by the ADC each time a temperature measurement is completed.
The TMP411/TMP411D contains circuitry to verify that a low byte register read command returns data from the
same ADC conversion as the immediately preceding high byte read command. This verification remains valid
only until another register is read. For proper operation, the high byte of a temperature register must be read
first. The low byte register must be read in the next read command. The low byte register can be left unread
if the LSBs are not needed. The temperature registers can be read as a 16-bit register using a single two-byte
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com