Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP411CD Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP411CD
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411CD Datasheet(HTML) 1 Page - Texas Instruments

  TMP411CD Datasheet HTML 1Page - Texas Instruments TMP411CD Datasheet HTML 2Page - Texas Instruments TMP411CD Datasheet HTML 3Page - Texas Instruments TMP411CD Datasheet HTML 4Page - Texas Instruments TMP411CD Datasheet HTML 5Page - Texas Instruments TMP411CD Datasheet HTML 6Page - Texas Instruments TMP411CD Datasheet HTML 7Page - Texas Instruments TMP411CD Datasheet HTML 8Page - Texas Instruments TMP411CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor
With N-Factor and Series Resistance Correction
1 Features
• TMP411:
– ±1°C Local channel accuracy
– ±1°C Remote channel accuracy
– Supply range: 2.7V to 5.5V
– Available in VSSOP and SOIC 8-pin packages
• TMP411D:
– ±0.8°C Local channel accuracy
– ±0.8°C Remote channel accuracy
– Supply range: 1.62V to 5.5V
– Available in SOT-23 8-pin package
• Wide operating range: –40°C to 125°C
• Support I2C and SMBus interface
• Programmable Resolution: 9 to 12 Bits
• Programmable Non-Ideality Factor
• Series Resistance Cancellation
• Offset Registers for System Calibration
• Programmable Threshold Limits
• Diode Fault Detection
• Alert Function
– ALERT and THERM2 Pin Configuration
• Multiple Interface Addresses
• Pin and Registers Compatible With ADT7461 and
ADM1032
2 Applications
• Enterprise systems
– Rack server motherboard
– Smart network interface card (NIC)
• Standard notebook PC
• Wireless infrastructure
– Small cell base station
– Baseband unit (BBU)
• Software defined radio
• Processor and FPGA Temperature Monitoring
3 Description
The TMP411 and TMP411D devices are remote
temperature sensors with a built-in local temperature
sensor. The remote temperature sensor, diode-
connected transistors are typically low-cost, NPN- or
PNP-type transistors or diodes that are an integral
part of microcontrollers, microprocessors, or FPGAs.
Remote temperature accuracy is ±1°C (TMP411) or
±0.8°C (TMP411D) for multiple device manufacturers,
with no calibration needed. The two-wire serial
interface accepts SMBus write byte, read byte, send
byte and receive byte commands to program the
alarm thresholds and to read temperature data.
Features that are included in the TMP411 and
TMP411D devices are: series resistance cancellation,
programmable non-ideality factor, programmable
resolution, programmable threshold limits, user-
defined offset register for maximum accuracy,
minimum and maximum temperature monitors, wide
remote temperature measurement range (up to
150°C), diode fault detection, and temperature alert
function.
The TMP411 device is available in VSSOP-8 and
SOIC-8 packages and TMP411D is available in
SOT23-8 package.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TMP411
VSSOP (8)
3.0mm × 4.9mm
SOIC (8)
4.9mm × 6.0mm
TMP411D
SOT23 (8)
2.9mm × 2.8mm
(1)
For more information, see Section 12.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TMP411
TMP411D
D+
D–
SCL
SDA
GND
V+
Processor or ASIC
SMBus
Controller
1
2
3
4
5
8
7
6
2.7V to 5.5V
2.7V to 5.5V
Fixed
V
IH/VIL
Built-In Thermal
Transistor, Diode
Overtemperature
Shutdown
THERM
THERM2
ALERT /
Simplified Block Diagram
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP411CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411CD TI-TMP411CD Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411CD TI1-TMP411CD Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411CD TI2-TMP411CD Datasheet
912Kb / 48P
TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
REVISED DECEMBER 2016
TMP411CDG4 TI-TMP411CDG4 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411CDGKR TI-TMP411CDGKR Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411CD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com