Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP411CD Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP411CD
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP411CD Datasheet HTML 9Page - Texas Instruments TMP411CD Datasheet HTML 10Page - Texas Instruments TMP411CD Datasheet HTML 11Page - Texas Instruments TMP411CD Datasheet HTML 12Page - Texas Instruments TMP411CD Datasheet HTML 13Page - Texas Instruments TMP411CD Datasheet HTML 14Page - Texas Instruments TMP411CD Datasheet HTML 15Page - Texas Instruments TMP411CD Datasheet HTML 16Page - Texas Instruments TMP411CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
6.9 Typical Characteristics (TMP411) (continued)
At TA = 25°C and V+ = VS = 5V (unless otherwise noted)
R S(Ÿ)
2.0
1.5
1.0
0.5
0
í0.5
í1.0
í1.5
í2.0
0
3500
500
1000
1500
2000
2500
3000
V
S = 2.7V
V
S = 5.5V
Figure 6-8. Remote Temperature Error vs Series Resistance
(Diode-Connected Transistor, 2N3906 PNP) (Legacy Chip)
RS ()
0
500
1,000
1,500
2,000
2,500
3,000
3,500
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
VS= 2.7V and 5.5V
Figure 6-9. Remote Temperature Error vs Series Resistance
(Diode-Connected Transistor, 2N3906 PNP) (New Chip)
RS(Ÿ)
2.0
1.5
1.0
0.5
0
í0.5
í1.0
í1.5
í2.0
0
3500
500
1000
1500
2000
2500
3000
VS= 2.7V
VS= 5.5V
Figure 6-10. Remote Temperature Error vs Series Resistance
(GND Collector-Connected Transistor, 2N3906 PNP) (Legacy
Chip)
RS ()
0
500
1,000
1,500
2,000
2,500
3,000
3,500
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
VS = 2.7V and 5.5V
Figure 6-11. Remote Temperature Error vs Series Resistance
(GND Collector-Connected Transistor, 2N3906 PNP) (New Chip)
3
2
1
0
í1
í2
í3
Capacitance (nF)
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 6-12. Remote Temperature Error vs Differential
Capacitance (Legacy Chip)
Capacitance (nF)
0
0.5
1
1.5
2
2.5
3
-3
-2
-1
0
1
2
3
Figure 6-13. Remote Temperature Error vs Differential
Capacitance (New Chip)
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com