Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1119 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMUX1119
Description  TMUX1119 5-V, Low-Leakage-Current, 2:1 Precision Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1119 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX1119 Datasheet HTML 12Page - Texas Instruments TMUX1119 Datasheet HTML 13Page - Texas Instruments TMUX1119 Datasheet HTML 14Page - Texas Instruments TMUX1119 Datasheet HTML 15Page - Texas Instruments TMUX1119 Datasheet HTML 16Page - Texas Instruments TMUX1119 Datasheet HTML 17Page - Texas Instruments TMUX1119 Datasheet HTML 18Page - Texas Instruments TMUX1119 Datasheet HTML 19Page - Texas Instruments TMUX1119 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
6.7 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (D) of the device when a signal is applied to
the source pin (Sx) of an off-channel. Figure 6-7 shows the setup used to measure, and the equation used to
calculate off isolation.
GND
NETWORK
ANALYZER
VOUT
S
D
50Q
VSIG
RL
50Q
SX
RL
50Q
VS
VDD
0.1µF
Figure 6-7. Off Isolation Measurement Setup
OUT
S
V
Off Isolation
20 Log
V
§
·
˜
¨
¸
©
¹
(1)
6.8 Crosstalk
Crosstalk is defined as the ratio of the signal at the drain pin (D) of a different channel, when a signal is applied
at the source pin (Sx) of an on-channel. Figure 6-8 shows the setup used to measure, and the equation used to
calculate crosstalk.
NETWORK
ANALYZER
GND
S1
S2
VSIG
50Q
VOUT
RL
50Q
RL
D
50Q
VS
VDD
0.1µF
Figure 6-8. Crosstalk Measurement Setup
OUT
S
V
Channel-to-Channel Crosstalk
20 Log
V
§
·
˜
¨
¸
©
¹
(2)
TMUX1119
SCDS401C – DECEMBER 2018 – REVISED FEBRUARY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX1119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com