Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1119 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX1119
Description  TMUX1119 5-V, Low-Leakage-Current, 2:1 Precision Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1119 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1119 Datasheet HTML 17Page - Texas Instruments TMUX1119 Datasheet HTML 18Page - Texas Instruments TMUX1119 Datasheet HTML 19Page - Texas Instruments TMUX1119 Datasheet HTML 20Page - Texas Instruments TMUX1119 Datasheet HTML 21Page - Texas Instruments TMUX1119 Datasheet HTML 22Page - Texas Instruments TMUX1119 Datasheet HTML 23Page - Texas Instruments TMUX1119 Datasheet HTML 24Page - Texas Instruments TMUX1119 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TMUX11xx family offers ultra-low input and output leakage currents and low charge injection. These devices
operate up to 5.5V, and offer true rail-to-rail input and output of both analog and digital signals. The TMUX1119
has a low on-capacitance which allows faster settling time when multiplexing inputs in the time domain. These
features make the TMUX11xx devices a family of precision, high-performance switches and multiplexers for
low-voltage applications.
8.2 Typical Application
Figure 8-1 shows an ultrasonic gas meter front end. The ultrasonic front end design utilizes time of flight (TOF)
measurement to determine the amount of gas flowing in a pipe. The circuit utilizes the MSP430FR5994, two ultra
low power operational amplifiers, OPA835 and OPA836, along with two TMUX1119, 2:1 precision switches.
ADC
TX/RX
MUX
MOSI
TX
32 kHz
MSP430FR599
8 MHz
OPA836
OPA835
TMUX1119
x1
TMUX1119
x2
SEL
SEL
Figure 8-1. Ultrasonic Gas Meter System
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 8-1.
Table 8-1. Design Parameters
PARAMETERS
VALUES
Supply (VDD)
5V
I/O signal range
0V to VDD (Rail to Rail)
Control logic thresholds
1.8V compatible
Single-shot standard deviation (STD)
<2ns
Zero-flow drift (ZFD)
<1ns
www.ti.com
TMUX1119
SCDS401C – DECEMBER 2018 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX1119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com