Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1119 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX1119
Description  TMUX1119 5-V, Low-Leakage-Current, 2:1 Precision Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1119 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX1119 Datasheet HTML 1Page - Texas Instruments TMUX1119 Datasheet HTML 2Page - Texas Instruments TMUX1119 Datasheet HTML 3Page - Texas Instruments TMUX1119 Datasheet HTML 4Page - Texas Instruments TMUX1119 Datasheet HTML 5Page - Texas Instruments TMUX1119 Datasheet HTML 6Page - Texas Instruments TMUX1119 Datasheet HTML 7Page - Texas Instruments TMUX1119 Datasheet HTML 8Page - Texas Instruments TMUX1119 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................2
5 Specifications.................................................................. 3
5.1 Absolute Maximum Ratings........................................ 3
5.2 ESD Ratings............................................................... 3
5.3 Recommended Operating Conditions.........................3
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics (VDD = 5V ±10 %)............... 4
5.6 Electrical Characteristics (VDD = 3.3V ±10 %)............ 5
5.7 Electrical Characteristics (VDD = 1.8V ±10 %)............ 7
5.8 Electrical Characteristics (VDD = 1.2V ±10 %)............ 8
6 Parameter Measurement Information.......................... 13
6.1 On-Resistance.......................................................... 13
6.2 Off-Leakage Current................................................. 13
6.3 On-Leakage Current................................................. 14
6.4 Transition Time......................................................... 14
6.5 Break-Before-Make...................................................15
6.6 Charge Injection........................................................15
6.7 Off Isolation...............................................................16
6.8 Crosstalk................................................................... 16
6.9 Bandwidth................................................................. 17
7 Detailed Description......................................................18
7.1 Overview................................................................... 18
7.2 Functional Block Diagram......................................... 18
7.3 Feature Description...................................................18
7.4 Device Functional Modes..........................................20
7.5 Truth Tables.............................................................. 20
8 Application and Implementation.................................. 21
8.1 Application Information............................................. 21
8.2 Typical Application.................................................... 21
8.3 Power Supply Recommendations.............................22
8.4 Layout....................................................................... 22
9 Device and Documentation Support............................24
9.1 Documentation Support............................................ 24
9.2 Receiving Notification of Documentation Updates....24
9.3 Support Resources................................................... 24
9.4 Trademarks...............................................................24
9.5 Electrostatic Discharge Caution................................24
9.6 Glossary....................................................................24
10 Revision History.......................................................... 24
11 Mechanical, Packaging, and Orderable
Information.................................................................... 25
4 Pin Configuration and Functions
1
SEL
6
S2
2
VDD
5
D
3
GND
4
S1
Not to scale
Figure 4-1. DCK Package, 6-Pin SC70 (Top View)
1
SEL
6
S2
2
VDD
5
D
3
GND
4
S1
Not to scale
Figure 4-2. DBV Package, 6-Pin SOT-23 (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
SEL
1
I
Select pin: controls state of the switch according to Table 7-1. (Logic Low = S1 to D, Logic High = S2 to D)
VDD
2
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation, connect
a decoupling capacitor ranging from 0.1µF to 10µF between VDD and GND.
GND
3
P
Ground (0V) reference
S1
4
I/O
Source pin 1. Can be an input or output.
D
5
I/O
Drain pin. Can be an input or output.
S2
6
I/O
Source pin 2. Can be an input or output.
(1)
I = input, O = output, I/O = input and output, P = power
TMUX1119
SCDS401C – DECEMBER 2018 – REVISED FEBRUARY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX1119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com