Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS16632RGER.A Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS16632RGER.A
Description  TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS16632RGER.A Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS16632RGER.A Datasheet HTML 10Page - Texas Instruments TPS16632RGER.A Datasheet HTML 11Page - Texas Instruments TPS16632RGER.A Datasheet HTML 12Page - Texas Instruments TPS16632RGER.A Datasheet HTML 13Page - Texas Instruments TPS16632RGER.A Datasheet HTML 14Page - Texas Instruments TPS16632RGER.A Datasheet HTML 15Page - Texas Instruments TPS16632RGER.A Datasheet HTML 16Page - Texas Instruments TPS16632RGER.A Datasheet HTML 17Page - Texas Instruments TPS16632RGER.A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
9 Detailed Description
9.1 Overview
The TPS1663x is a family of 60-V industrial eFuses. The device provides robust protection for all systems
and applications powered from 4.5 V to 60 V. For hot-pluggable boards, the device provides hot-swap power
management with in-rush current control and programmable output voltage slew rate features using the dVdT
pin. Load, source, and device protections are provided with many programmable features including overcurrent,
overvoltage and undervoltage. The 60-V maximum DC operating and 62-V absolute maximum voltage rating
enables system protection from 60-V DC input supply faults from industrial SELV power supplies. The precision
overcurrent limit (±7% at 6 A) helps to minimize over design of the input power supply, while the fast response
short circuit protection 1 µs (typical) immediately isolates the faulty load from the input supply when a short
circuit is detected.
The TPS16632 device integrate adjustable output power limiting (PLIM) functionality that simplifies the system
design requiring compliance in accordance to standards like IEC61010-1 and UL1310.
The device provides precise monitoring of voltage bus for brown-out and overvoltage conditions and asserts fault
signal for the downstream system. The device's overall threshold accuracy of 2% ensures tight supervision of
bus, eliminating the need for a separate supply voltage supervisor chip.
Additional features of the TPS1663x include:
• ±6% current monitor output (IMON) for health monitoring of the system
• A choice of latch off or automatic restart mode response during current limit, power limit, and thermal fault
using MODE pin
• PGOOD indicator output
• Overtemperature protection to safely shutdown in the event of an overcurrent event
• De-glitched fault reporting for supply brown-out and overvoltage faults
• Enable and Disable control from an MCU using SHDN pin
TPS1663
SLVSET9F – SEPTEMBER 2018 – REVISED FEBRUARY 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS1663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com