Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS16632RGER.A Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS16632RGER.A
Description  TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS16632RGER.A Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS16632RGER.A Datasheet HTML 16Page - Texas Instruments TPS16632RGER.A Datasheet HTML 17Page - Texas Instruments TPS16632RGER.A Datasheet HTML 18Page - Texas Instruments TPS16632RGER.A Datasheet HTML 19Page - Texas Instruments TPS16632RGER.A Datasheet HTML 20Page - Texas Instruments TPS16632RGER.A Datasheet HTML 21Page - Texas Instruments TPS16632RGER.A Datasheet HTML 22Page - Texas Instruments TPS16632RGER.A Datasheet HTML 23Page - Texas Instruments TPS16632RGER.A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
VOUT
IIN
IMON
FLTb
VIN = 50 V
MODE = GND
RILIM = 18 kΩ
Figure 9-6. Overload Performance During Load
Step from 140 Ω to 40 Ω
VOUT
IIN
IMON
FLTb
VIN = 50 V
MODE = GND
RILIM = 18 kΩ
Figure 9-7. Coming Out of Overload With Load
Step from 40 Ω to 140 Ω
The TPS1663x devices features ILIM pin short and open fault detection and protection. The internal FET is
turned OFF when ILIM pin is detected short or open to GND and it remains OFF till the ILIM pin fault is removed.
9.3.4.2 Short Circuit Protection
During a transient output short circuit event, the current through the device increases rapidly. As the current-limit
amplifier cannot respond quickly to this event due to its limited bandwidth, the device incorporates a fast-trip
comparator. The fast-trip comparator architecture is designed for fast turn OFF tFASTTRIP(dly) = 1 µs (typical)
with I(SCP) = 45 A of the internal FET during an output short circuit event. The fast-trip threshold is internally
set to I(FASTTRIP). The fast-trip circuit holds the internal FET off for only a few microseconds, after which the
device turns back on slowly, allowing the current-limit loop to regulate the output current to I(OL). Then the device
functions similar to the overload condition. Figure 9-8 illustrates output hot-short performance of the device.
VOUT
IIN
IMON
FLTb
VIN = 50 V
RILIM = 18 kΩ
Figure 9-8. Output Hot-Short Response
The fast-trip comparator architecture has a supply line noise immunity resulting in a robust performance in noisy
environments. This supply line noise immunity is achieved by controlling the turn OFF time of the internal FET
based on the overcurrent level, I(FASTTRIP), through the device. The higher the overcurrent, the faster the turn
TPS1663
SLVSET9F – SEPTEMBER 2018 – REVISED FEBRUARY 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS1663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com