Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS16632RGER.A Datasheet(PDF) 27 Page - Texas Instruments

Part # TPS16632RGER.A
Description  TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS16632RGER.A Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS16632RGER.A Datasheet HTML 23Page - Texas Instruments TPS16632RGER.A Datasheet HTML 24Page - Texas Instruments TPS16632RGER.A Datasheet HTML 25Page - Texas Instruments TPS16632RGER.A Datasheet HTML 26Page - Texas Instruments TPS16632RGER.A Datasheet HTML 27Page - Texas Instruments TPS16632RGER.A Datasheet HTML 28Page - Texas Instruments TPS16632RGER.A Datasheet HTML 29Page - Texas Instruments TPS16632RGER.A Datasheet HTML 30Page - Texas Instruments TPS16632RGER.A Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
10.2.3 Application Curves
VIN
VOUT
PGOOD
IIN
Figure 10-2. Hot-Plug In at 50-V Supply With No
Load
VIN
VOUT
PGOOD
IIN
Figure 10-3. Hot-Plug In at 50-V Supply With 60-Ω
Load
VOUT
IIN
IMON
FLTb
Figure 10-4. Overload Performance During Load
Step From 140 Ω to 40 Ω
VOUT
IIN
IMON
FLTb
Figure 10-5. Coming Out of Overload With Load
Step From 40 Ω to 140 Ω
VOUT
IIN
IMON
FLTb
Figure 10-6. Output Hot-short Performance With
50-V Input Supply
SHDNb
VOUT
PGOOD
IIN
Figure 10-7. Turn ON Using SHDN Control
www.ti.com
TPS1663
SLVSET9F – SEPTEMBER 2018 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TPS1663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com