Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4011 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4011
Description  DECADE UP-DOWN COUNTER/DECODER/LATCH/DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4011 Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4011 Datasheet HTML 1Page - STMicroelectronics HCF4011 Datasheet HTML 2Page - STMicroelectronics HCF4011 Datasheet HTML 3Page - STMicroelectronics HCF4011 Datasheet HTML 4Page - STMicroelectronics HCF4011 Datasheet HTML 5Page - STMicroelectronics HCF4011 Datasheet HTML 6Page - STMicroelectronics HCF4011 Datasheet HTML 7Page - STMicroelectronics HCF4011 Datasheet HTML 8Page - STMicroelectronics HCF4011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Symbol
Parameter
Test Conditios
Value
Unit
VI
(V)
VO
(V)
|IO|
(
µA)
VDD
(V)
TLOW *25
oCTHIGH *
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
IL
Quiescent
Current
HCC
Types
0/5
5
5
0.04
5
150
µA
0/10
10
10
0.04
10
300
0/15
15
15
0.04
20
600
0/20
20
20
0.48
100
3000
HCF
Types
0/5
5
5
0.04
20
150
0/10
10
10
0.04
40
300
0/15
15
15
0.04
80
600
VOH
Output High
Voltage
0/5
5
4.95
V
0/10
10
9.55
0/15
15
14.55
VOL
Output Low
Voltage
5/0
5
0.05
0
0.05
0.05
V
10/0
10
0.05
0
0.05
0.05
15/0
15
0.05
0
0.05
0.05
VIH
Input High
Voltage
0.5/3.8
5
3.5
3.5
3.5
V
1/8.8
10
7
7
7
1.5/3.8
15
11
11
11
VIL
Input Low
Voltage
0.5/3.8
5
1.5
1.5
1.5
V
1/8.8
10
3
3
3
1.5/3.8
15
4
4
4
VOL
Output Drive
Voltage
(for HCC/HCF)
0
5
4.55
V
10
5
4.13
25
5
3.64
0
10
9.55
10
10
9.25
25
10
8.85
0
15
14.55
10
15
14.21
25
15
13.9
IOL
Output
Sink
Current
HCC
Types
0/5
0.4
5
0.64
0.51
1
0.36
mA
0/10
0.5
10
1.6
1.3
2.6
0.9
0/15
1.5
15
4.2
3.4
6.8
2.4
HCF
Types
0/5
0.4
5
0.52
0.44
1
0.36
0/10
0.5
10
1.3
1.1
2.6
0.9
0/15
1.5
15
3.6
3.0
6.8
2.4
IIH,IIL
Input
Leakage
Current
HCC
Types
0/18
Any Input
18
±0.1
±10-5 ±0.1
±1
µA
HCF
Types
0/15
15
±0.3
±10-5 ±0.3
±1
CI
Input Capacitance
Any Input
5
7.5
pF
*TLOW =-55
oCfor HCC device: -40 oC for HCF device.
*THIGH =+125
oCfor HCC device: +85 oC for HCF device.
The Noise Margin for both ”1” and ”0” level is: 1V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD =15 V
HCC/HCF40110
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com