Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4011 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4011
Description  DECADE UP-DOWN COUNTER/DECODER/LATCH/DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4011 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4011 Datasheet HTML 2Page - STMicroelectronics HCF4011 Datasheet HTML 3Page - STMicroelectronics HCF4011 Datasheet HTML 4Page - STMicroelectronics HCF4011 Datasheet HTML 5Page - STMicroelectronics HCF4011 Datasheet HTML 6Page - STMicroelectronics HCF4011 Datasheet HTML 7Page - STMicroelectronics HCF4011 Datasheet HTML 8Page - STMicroelectronics HCF4011 Datasheet HTML 9Page - STMicroelectronics HCF4011 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25
oC, CL =50 pF, RL = 200 K
Ω,
typical temperature coefficent for all VDD values is 03 %/
oC, all input rise and fall times= 20 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VDD (V)
Min.
Typ.
Max.
CLOCK UP/CLOCK DOWN
tW
Pulse Width
5
85
ns
10
35
15
15
fCL
Maximum Frequency
5
2.5
MHz
10
5
15
8
tWC
Carry Pulse Width
5
225
ns
10
100
15
70
tWB
Borrow Pulse Width
5
260
10
110
15
80
RESET
tPLH
tPHL
Propagation Delay Time
Reset to Clock
5
750
ns
10
285
15
200
Delay from Reset to First Allowable Clock
5
300
10
125
15
75
tW
Pulse Width
5
150
10
60
15
40
TEST CIRCUITS
Quiescent Device Current.
Noise Immunity.
HCC/HCF40110B
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com