Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4011 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4011
Description  DECADE UP-DOWN COUNTER/DECODER/LATCH/DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4011 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4011 Datasheet HTML 1Page - STMicroelectronics HCF4011 Datasheet HTML 2Page - STMicroelectronics HCF4011 Datasheet HTML 3Page - STMicroelectronics HCF4011 Datasheet HTML 4Page - STMicroelectronics HCF4011 Datasheet HTML 5Page - STMicroelectronics HCF4011 Datasheet HTML 6Page - STMicroelectronics HCF4011 Datasheet HTML 7Page - STMicroelectronics HCF4011 Datasheet HTML 8Page - STMicroelectronics HCF4011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HCC40110B
HCF40110B
September 1988
DECADE UP-DOWN COUNTER/DECODER/LATCH/DRIVER
EY
(Plastic Package)
DESCRIPTION
ORDER CODES :
HCC40110BF
HCF40110BEY
HCF40110BC1
F
(Ceramic Package)
C1
(Chip Carrier)
PIN CONNECTIONS
The HCC 40110B (extended temperature range)
and HCF 40110B (intermediate temperature range)
are monolithic integrated circuits, available in 16-
lead dual in-line plastic or ceramic package. The
HCC/HCF 40110B is a dual-clocked up/down
counter with a special preconditioning circuit that
allows the counter to be clocked, via positive going
inputs, up or down regardless of that state or timing
(within 100 ns typ.) of the other clock line. The clock
signal is fed into the control logic and Johnson
counter after is preconditioned. The outputs of the
Johnson counter (which include antilock gating to
avoid being locked at an illegal state) are fed into a
latch. This data can be fed directly to the decoder
through the latch or can be strobed to hold a particu-
lar count while the Johnson counter continues to be
clocked. The decoder feeds a seven-segment bipo-
lar output driver which can source up to 25 mA to
drive LEDs and other displays such as low-voltage
fluorescent and incandescent lamps. A short dura-
tion negative-going pulse appears on the BORROW
output when the count changes from 0 to 9 or the
CARRY output when the count changes from 9 to
0. At the other times the BORROW and CARRY out-
put are a logic 1. The CARRY and BORROW out-
puts can be tied directly to the clock-up and
clock-down lines respectively of another HCC/HCF
40110B for easy cascading of several counters.
.
SEPARATE CLOCK-UP AND CLOCK-DOWN
LINES
.
CAPABLE OF DRIVING COMMON CATHODE
LEDS AND OTHER DISPLAYS DIRECTLY
.
ALLOWS CASCADING WITHOUT ANY EX-
TERNAL CIRCUITRY
.
MAXIMUM INPUT CURRENT OF 1
µAAT 18 V
(full package-temperature range)
.
QUIESCENT CURRENT AT 20 V FOR HCC DE-
VICE
.
5 V, 10 V AND 15 V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100 nA AT 18 V AND
25
°C FOR HCC DEVICE
.
100 % TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD No. 13 A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
1/11


Similar Part No. - HCF4011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF40110B STMICROELECTRONICS-HCF40110B Datasheet
430Kb / 10P
DECADE UP/DOWN COUNTER/DECODER/LATCH/DRIVER
Oct-2002
HCF40110BEY STMICROELECTRONICS-HCF40110BEY Datasheet
430Kb / 10P
DECADE UP/DOWN COUNTER/DECODER/LATCH/DRIVER
Oct-2002
HCF40110B STMICROELECTRONICS-HCF40110B_02 Datasheet
430Kb / 10P
DECADE UP/DOWN COUNTER/DECODER/LATCH/DRIVER
Oct-2002
HCF4011B STMICROELECTRONICS-HCF4011B Datasheet
287Kb / 12P
NAND GATES
Jun-1989
HCF4011B STMICROELECTRONICS-HCF4011B Datasheet
171Kb / 7P
QUAD 2 INPUT NAND GATE
Sep-2001
More results

Similar Description - HCF4011

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B Datasheet
241Kb / 8P
Binary/Decade Up/Down Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
Synchronous up/down counter, binary/decade counter
January 1995
logo
Texas Instruments
CD40110B TI-CD40110B Datasheet
324Kb / 10P
CMOS DECADE UP-DOWN COUNTER/LATCH/DISPLAY DRIVER
logo
Fairchild Semiconductor
4510B FAIRCHILD-4510B Datasheet
184Kb / 4P
UP/DOWN DECADE COUNTER
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
SYNCHRONOUS UP/DOWN DECADE COUNTER
Jul-2001
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
STMicroelectronics
HCF40110B STMICROELECTRONICS-HCF40110B_02 Datasheet
430Kb / 10P
DECADE UP/DOWN COUNTER/DECODER/LATCH/DRIVER
Oct-2002
logo
Texas Instruments
CD40110B TI1-CD40110B_09 Datasheet
431Kb / 12P
CMOs Decade Up-Down Counter/Latch/Display Driver
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com