Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K24C080-RERG-A Datasheet(PDF) 10 Page - Estek Electronics Co. Ltd

Part # K24C080-RERG-A
Description  8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

K24C080-RERG-A Datasheet(HTML) 10 Page - Estek Electronics Co. Ltd

Back Button K24C080-RERG-A Datasheet HTML 5Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 6Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 7Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 8Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 9Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 10Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 11Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 12Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 13Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
O M
AC Electrical Characteristics
¡Applicable over recommended operating range from TA = -40
。C to +85。C, VCC = +1.8V to +5.5V, CL = 1 TTL Gate and
100 pF (unless otherwise noted)
Note
Parameter
Clock Frequency, SCL
Clock Pulse Width Low
Clock Pulse Width High
Start Hold Time
Clock Low to Data Out Valid
Noise Suppression Time
Time the bus must be free before
a new transmission can start
Start Setup Time
Data In Hold Time
Data In Setup Time
Data Out Hold Time
Write Cycle Time
Inputs Fall Time(1)
Inputs Rise Time(1)
Stop Setup Time
fSCL
tLOW
tHIGH
tHD.STA
tAA
tI
tBUF
tSU.STA
tHD.DAT
tSU.DAT
tDH
tWR
5.0V, 25。C, Byte Mode
-
1.2
0.6
0.6
0.05
-
1.2
0.6
0
100
50
-
-
-
0.6
1M
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
400
-
-
-
0.9
50
-
-
-
-
-
5
300
0.3
-
-
-
0.6
0.4
0.25
0.05
-
0.5
0.25
0
100
50
-
-
-
0.25
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1000
-
-
-
0.55
40
-
-
-
-
-
5
100
0.3
-
-
kHz
ns
ns
ms
ns
Write Cycles
Endurance
tF
tR
tSU.STO
Max.
Units
Min.
Symbol
Typ.
1.8-volt
Max.
Min.
Typ.
5.0-volt
s
s
s
s
s
s
s
s
s
s
1. This parameter is characterized and is not 100% tested.
2. AC measurement conditions:
RL (
connects to VCC): 1.3 k (2.5V, 5V), 10 k (1.8V)
Input pulse voltages: 0.3 VCC to 0.7 VCC
Input rise and fall time: 50 ns
Input and output timing reference voltages: 0.5 VCC
The value of RL should be concerned according to the actual loading
on the user's system.
10
BEIJING ESTEK ELECTRONICS CO.,LTD
24C02 / 24C04 / 24C08 / 24C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com