Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K24C080-RERG-A Datasheet(PDF) 5 Page - Estek Electronics Co. Ltd

Part # K24C080-RERG-A
Description  8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

K24C080-RERG-A Datasheet(HTML) 5 Page - Estek Electronics Co. Ltd

  K24C080-RERG-A Datasheet HTML 1Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 2Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 3Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 4Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 5Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 6Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 7Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 8Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 9Page - Estek Electronics Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
R O M
¡Figure 3: Output Acknowledge
Device Addressing
The 2K, 4K, 8K and 16K EEPROM devices all require an 8-bit device address word following a start condition to enable
the chip for a read or write operation (see to Figure 4 on page 7).
The device address word consists of a mandatory "1", "0" sequence for the first four most significant bits as shown.
This is common to all the Serial EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits for the 2K EEPROM. These 3 bits must compare to their
corresponding hardwired input pins.
The 4K EEPROM only uses the A2 and A1 device address bits with the third bit being a memory page address bit. The
two device address bits must compare to their corresponding hardwired input pins. The A0 pin is no connect.
The 8K EEPROM only uses the A2 device address bit with the next 2 bits being for memory page addressing. The A2 bit
must compare to its corresponding hard-wired input pin. The A1 and A0 pins are no connect.
The 16K does not use any device address bits but instead the 3 bits are used for memory page addressing. These page
addressing bits on the 4K, 8K and 16K devices should be considered the most significant bits of the data word address
which follows. The A0, A1 and A2 pins are no connect.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit is high
and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a "0". If a compare is not made, the chip will return to a
standby state.
SCL
DATA IN
1
DATA OUT
8
9
ACKNOWLEDGE
START
5
BEIJING ESTEK ELECTRONICS CO.,LTD
24C02 / 24C04 / 24C08 / 24C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com