Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K24C080-RERG-A Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # K24C080-RERG-A
Description  8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

K24C080-RERG-A Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  K24C080-RERG-A Datasheet HTML 1Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 2Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 3Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 4Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 5Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 6Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 7Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 8Page - Estek Electronics Co. Ltd K24C080-RERG-A Datasheet HTML 9Page - Estek Electronics Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
R O M
Pin Descriptions
DEVICE/PAGE ADDRESSES (A2, A1 and A0): The A2, A1 and A0 pins are device address inputs that are hard
wired for the 24C02. Eight 2K devices may be addressed on a single bus system (device addressing is discussed in
detail under the Device Addressing section).
The 24C04 uses the A2 and A1 inputs for hard wire addressing and a total of four 4K devices may be addressed on a
single bus system. The A0 pin is a no connect and can be connected to ground.
The 24C08 only uses the A2 input for hardwire addressing and a total of two 8K devices may be addressed on a single
bus system. The A0 and A1 pins are no connects and can be connected to ground.
The 24C16 does not use the device address pins, which limits the number of devices on a single bus to one. The A0,
A1 and A2 pins are no connects and can be connected to ground.
SERIAL DATA (SDA): The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be
wire-ORed with any number of other open-drain or open- collector devices.
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative
edge clock data out of each device.
WRITE PROTECT (WP): The 24C02/ 24C04/ 24C08/ 24C16 has a Write Protect pin that provides hardware data
protection. The Write Protect pin allows normal read/write operations when connected to ground (GND). When the Write
Protect pin is connected to VCC, the write protection feature is enabled and operates as shown in the following Table 2.
Memory Organization
24C02, 2K SERIAL EEPROM: Internally organized with 32 pages of 8 bytes each, the 2K requires an 8-bit data
word address for random word addressing.
24C04, 4K SERIAL EEPROM: Internally organized with 32 pages of 16 bytes each, the 4K requires a 9-bit data
word address for random word addressing.
24C08, 8K SERIAL EEPROM: Internally organized with 64 pages of 16 bytes each, the 8K requires a 10-bit data
word address for random word addressing.
24C16, 16K SERIAL EEPROM: Internally organized with 128 pages of 16 bytes each, the 16K requires an 11-bit
data word address for random word addressing.
¡Table 2: Write Protect
WP Pin Status
Part of the Array Protected
24C16
Full (16K) Array
24C08
Full (8K) Array
24C04
Full (4K) Array
24C02
Full (2K) Array
Normal Read / Write Operations
At VCC
At GND
3
BEIJING ESTEK ELECTRONICS CO.,LTD
24C02 / 24C04 / 24C08 / 24C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com