Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4014BF Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4014BF
Description  8-STAGE STATIC SHIFT REGISTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4014BF Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4014BF Datasheet HTML 1Page - STMicroelectronics HCC4014BF Datasheet HTML 2Page - STMicroelectronics HCC4014BF Datasheet HTML 3Page - STMicroelectronics HCC4014BF Datasheet HTML 4Page - STMicroelectronics HCC4014BF Datasheet HTML 5Page - STMicroelectronics HCC4014BF Datasheet HTML 6Page - STMicroelectronics HCC4014BF Datasheet HTML 7Page - STMicroelectronics HCC4014BF Datasheet HTML 8Page - STMicroelectronics HCC4014BF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HCC/HCF4014B
HCC/HCF4021B
8-STAGE STATIC SHIFT REGISTERS
DESCRIPTION
.
MEDIUM-SPEED OPERATION-12MHz (typ.)
CLOCK RATE AT VDD –VSS = 10V
.
FULLY STATIC OPERATION
.
8 MASTER-SLAVE FLIP-FLOPS PLUS OUT-
PUT BUFFERING AND CONTROL GATING
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
o
13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
November 1996
The HCC4014B, HCC4021B (extended temperatu-
re range) and the HCF4014B, HCF4021B (interme-
diate temperature range) are monolithic integrated
circuits, available in 16-lead dual in-line plastic or ce-
ramic package and plastic micro package. The
HCC/HCF4014B and HCC/HCF4021B series types
are 8-stage parallel-or serial-input/serial-output re-
gisters having common CLOCK and PARAL-
LEL/SERIAL CONTROL inputs, a single SERIAL
data input, and individual parallel ”JAM” inputs to
each register stage. Each register stage is a D type,
master-slave flip-flop in addition to an output from
stage 8, ”Q” outputs are also available from stages
6 and 7. Parallel as well as serial entry is made into
the register synchronously with the positive clock li-
ne transition in the HCC/HCF4014B. In the
HCC/HCF4021B serial entry is synchronous with
the clock but parallel entry is asynchronous. In both
types, entry is controlled by the PARALLEL/SERIAL
CONTROL input. When the PARALLEL/SERIAL
CONTROL input is low, data is serially shifted into
the 8-stage register synchronously with the positive
transition of the clock line. When the PARAL-
LEL/SERIAL CONTROL input is high, data is jam-
med into the 8-stage register via the parallel input
EY
(Plastic Package)
F
(Ceramic Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC40XXBF
HCF40XXBM1
HCF40XXBEY
HCF40XXBC1
PIN CONNECTIONS
4014B
SYNCHRONOUS PARALLEL OR
SERIAL INPUT/SERIAL OUTPUT
4021B
ASYNCHRONOUS PARALLEL
INPUT OR SYNCHRONOUS
SERIAL INPUT/SERIAL OUTPUT
lines and synchronous with the positive transition of
the clock line. In the HCC/HCF4021B, the CLOCK
input of the internal stage is ”forced” when asynchro-
nous parallel entry is made. Register expansion
using multiple package is permitted.
M1
(Micro Package)
1/13


Similar Part No. - HCC4014BF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4014B STMICROELECTRONICS-HCC4014B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4014B STMICROELECTRONICS-HCC4014B Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4014BD STMICROELECTRONICS-HCC4014BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4014BDG STMICROELECTRONICS-HCC4014BDG Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4014BDT STMICROELECTRONICS-HCC4014BDT Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
More results

Similar Description - HCC4014BF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4014BMS INTERSIL-CD4014BMS Datasheet
93Kb / 9P
CMOS 8-Stage Static Shift Registers
December 1992
logo
Texas Instruments
CD4021B TI-CD4021B Datasheet
547Kb / 13P
CMOS 8-Stage Static Shift Registers
logo
Micro Electronics
MMC4014 MICRO-ELECTRONICS-MMC4014 Datasheet
148Kb / 4P
S-STAGE STATIC SHIFT REGISTERS
logo
Unisonic Technologies
CD4014B UTC-CD4014B Datasheet
216Kb / 9P
CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4014B UTC-UCD4014B Datasheet
207Kb / 8P
CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4021B UTC-UCD4021B Datasheet
235Kb / 10P
CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4014B UTC-UCD4014B_15 Datasheet
207Kb / 8P
CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4021B UTC-UCD4021B_15 Datasheet
235Kb / 10P
CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4014B TI1-CD4014B_15 Datasheet
1Mb / 28P
CMOS 8-stage Static Shift Registers
logo
Renesas Technology Corp
CD4014BMS RENESAS-CD4014BMS Datasheet
372Kb / 9P
CMOS 8-Stage Static Shift Registers
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com