Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4014BF Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCC4014BF
Description  8-STAGE STATIC SHIFT REGISTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4014BF Datasheet(HTML) 5 Page - STMicroelectronics

  HCC4014BF Datasheet HTML 1Page - STMicroelectronics HCC4014BF Datasheet HTML 2Page - STMicroelectronics HCC4014BF Datasheet HTML 3Page - STMicroelectronics HCC4014BF Datasheet HTML 4Page - STMicroelectronics HCC4014BF Datasheet HTML 5Page - STMicroelectronics HCC4014BF Datasheet HTML 6Page - STMicroelectronics HCC4014BF Datasheet HTML 7Page - STMicroelectronics HCC4014BF Datasheet HTML 8Page - STMicroelectronics HCC4014BF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STATIC ELECTRICAL CHARACTERISTICS (continued)
Test Conditions
Value
V I
V O
|I O |V DD
T Lo w*
25
°CT
Hi g h *
Symbol
Parameter
(V)
(V)
(
µA) (V)
Min. Max. Min. Typ. Max. Min. Max.
Unit
I OH
Output
Drive
Current
HCC
Types
0/ 5
2.5
5
– 2
– 1.6 – 3.2
– 1.15
mA
0/ 5
4.6
5
– 0.64
– 0.51 – 1
– 0.36
0/10
9.5
10
– 1.6
– 1.3 – 2.6
– 0.9
0/15
13.5
15
– 4.2
– 3.4 – 6.8
– 2.4
HCF
Types
0/ 5
2.5
5
– 1.53
– 1.36 – 3.2
– 1.1
0/ 5
4.6
5
– 0.52
– 0.44 – 1
– 0.36
0/10
9.5
10
– 1.3
– 1.1 – 2.6
– 0.9
0/15
13.5
15
– 3.6
– 3.0 – 6.8
– 2.4
I OL
Output
Sink
Current
HCC
Types
0/ 5
0.4
5
0.64
0.51
1
0.36
mA
0/10
0.5
10
1.6
1.3
2.6
0.9
0/15
1.5
15
4.2
3.4
6.8
2.4
HCF
Types
0/ 5
0.4
5
0.52
0.44
1
0.36
0/10
0.5
10
1.3
1.1
2.6
0.9
0/15
1.5
15
3.6
3.0
6.8
2.4
I IH,IIL
Input
Leakage
Current
HCC
Types
0/18
Any Input
18
± 0.1
±10–5 ± 0.1
± 1
µA
HCF
Types
0/15
15
± 0.3
±10–5 ± 0.3
± 1
CI
Input Capacitance
Any Input
5
7.5
pF
*TLow =– 55
°Cfor HCC device : – 40°C for HCF device.
*THigh = + 125
°C for HCC device : + 85°C for HCF device.
The Noise Margin for both ”1” and ”0” level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5 V min. with VDD = 15V.
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD = 0.3%/°C values, all input rise and fall time = 20ns)
Val ue
Symbol
Parameter
Test Conditions
V DD (V) Min.
Typ.
Max.
Unit
CLOCKED OPERATI ON
t PLH,tPHL Propagation Delay Time
5
160
320
ns
10
80
160
15
60
120
t THL ,tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
f CL *
Maximum Clock Input Frequency
5
3
6
MHz
10
6
12
15
8.5
17
t W
Clock Pulse Width
5
180
90
ns
10
80
40
15
50
25
* If more than one unit is cascaded trCL should be made less than or equal to the sum of the transition time and the fixed propagation delay of
the output of the driving stage of the estimated capacitive load.
HCC/HCF4014B/4021B
5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com