Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4014BF Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCC4014BF
Description  8-STAGE STATIC SHIFT REGISTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4014BF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCC4014BF Datasheet HTML 2Page - STMicroelectronics HCC4014BF Datasheet HTML 3Page - STMicroelectronics HCC4014BF Datasheet HTML 4Page - STMicroelectronics HCC4014BF Datasheet HTML 5Page - STMicroelectronics HCC4014BF Datasheet HTML 6Page - STMicroelectronics HCC4014BF Datasheet HTML 7Page - STMicroelectronics HCC4014BF Datasheet HTML 8Page - STMicroelectronics HCC4014BF Datasheet HTML 9Page - STMicroelectronics HCC4014BF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Test Conditions
Value
Unit
VDD (V)
Min.
Typ.
Max.
CLOCKED OPERATION
tr,tf
Clock Input Rise or Fall Time
5
15
µs
10
15
15
15
tsetup
Setup Time, serial Input (ref. to CL)
5
120
60
ns
10
80
40
15
60
30
tsetup
Setup Time, parallel Input (4014B)
(ref. to CL)
580
40
ns
10
50
25
15
40
20
tsetup
Setup Time, parallel Input (4021B)
(ref. to P/S)
550
25
ns
10
30
15
15
20
10
tsetup
Setup Time, parallel/serial Control (4014B)
(ref. to CL)
5
180
90
ns
10
80
40
15
60
30
thold
Hold Time, serial in, parallel in,
parallel/serial Cotrol
50
ns
10
0
15
0
tWH
P/S Pulse Width (4021B)
5
160
80
ns
10
80
40
15
50
25
trem
P/S Removal time (4021B)
(ref. to CL)
5
280
140
ns
10
140
70
15
100
50
Typical Output Low (sink) Current Characteristics.
Minimum Output Low (sink) Current Charac-
teristics.
* If more than one unit is cascaded trCL should be made less than or equal to the sum of the transition time and the fixed propagation delay of
the output of the driving stage of the estimated capacitive load.
HCC/HCF4014B/4021B
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com