Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10100. Datasheet(PDF) 2 Page - Multicomp Pro

Part # MBR10100.
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MBR10100. Datasheet(HTML) 2 Page - Multicomp Pro

  MBR10100. Datasheet HTML 1Page - Multicomp Pro MBR10100. Datasheet HTML 2Page - Multicomp Pro MBR10100. Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
26/10/22
Schottky Barrier Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Electrical Characteristics
Characteristic
Symbol
Values
Units
Maximum Instantaneous Forward Voltage
(If = 10 Amperes Tc = 25°C)
(If = 10 Amperes Tc = 125°C)
Vf
0.85
0.76
V
Maximum Instantaneous Reverse Current
(Rated DC Voltage, Tc = 25°C)
(Rated DC Voltage, Tc = 125°C)
Ir
0.01
10
mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com