Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10100. Datasheet (PDF) - Multicomp Pro

MBR10100. Datasheet PDF - Multicomp Pro
Part # MBR10100.
Download  MBR10100. Download
File Size   721.86 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Schottky Barrier Rectifier

MBR10100. Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR10100. Datasheet PDF - Multicomp Pro

Part # MBR10100.
Download  MBR10100. Click to download

File Size   721.86 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Schottky Barrier Rectifier

MBR10100. Datasheet (HTML) - Multicomp Pro


MBR10100. Product details

Description
Using the schottky barrier principle with a refractory metal capable of high temperature operation metal. The proprietary barrier technology allows for reliable operation up to 175°C junction temperature. Typical application are in switching mode power supplies such as adaptors, DC/DC converters, free- wheeling and polarity protection diodes.

Features
• Low forward voltage
• Low switching noise
• High current capacity
• Guarantee reverse avalanche
• Guard-ring for stress protection
• Low power loss and high efficiency
• 175°C operating junction temperature
• Low stored charge majority carrier conduction
• Plastic material used carries Underwriters Laboratory
• Flammability classification 94V-0

Description
Schottky Barrier Rectifier, 100V




Similar Part No. - MBR10100.

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR10100 MOTOROLA-MBR10100 Datasheet
83Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Vishay Siliconix
MBR10100 VISHAY-MBR10100 Datasheet
125Kb / 3P
High Voltage Schottky Rectifiers
01-Jul-02
logo
Taiwan Semiconductor Co...
MBR10100 TSC-MBR10100 Datasheet
56Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
ON Semiconductor
MBR10100 ONSEMI-MBR10100 Datasheet
58Kb / 4P
SWITCHMODE Power Rectifiers
February, 2006 ??Rev. 6
logo
Taiwan Semiconductor Co...
MBR10100 TSC-MBR10100 Datasheet
264Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBR10100.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com