Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10100. Datasheet(PDF) 1 Page - Multicomp Pro

Part # MBR10100.
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MBR10100. Datasheet(HTML) 1 Page - Multicomp Pro

  MBR10100. Datasheet HTML 1Page - Multicomp Pro MBR10100. Datasheet HTML 2Page - Multicomp Pro MBR10100. Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
26/10/22
Schottky Barrier Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Description
Using the schottky barrier principle with a refractory metal capable of high temperature
operation metal. The proprietary barrier technology allows for reliable operation up to 175°C
junction temperature. Typical application are in switching mode power supplies such as
adaptors, DC/DC converters, free- wheeling and polarity protection diodes.
Features
•  Low forward voltage
•  Low switching noise
•  High current capacity
•  Guarantee reverse avalanche
•  Guard-ring for stress protection
•  Low power loss and high efficiency
•  175°C operating junction temperature
•  Low stored charge majority carrier conduction
•  Plastic material used carries Underwriters Laboratory
•  Flammability classification 94V-0
Specifications
Reverse Voltage  : 100 Volts
Forward Current  : 20 Amperes
Characteristic
Symbol
Values
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Vrrm
Vrwm
Vr
100
V
RMS Reverse Voltage
Vr(rms)
70
Average Rectifier Forward Current
Total Device (Rated Vr), Tc = 125°C
If(av)
10
A
Peak Repetitive Forward Current
(Rate Vr, Square Wave, 20kHz)
Ifm
20
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions half-ware, single phase, 60Hz)
Ifsm
150
Operating and Storage Junction Temperature Range
Tj, Tstg
-65 to +175
°C
Maximum Ratings
Typical Thermal Resistance junction to case
Rθjc
3.4
°C/W
Thermal Resistances


Similar Part No. - MBR10100.

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR10100 MOTOROLA-MBR10100 Datasheet
83Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Vishay Siliconix
MBR10100 VISHAY-MBR10100 Datasheet
125Kb / 3P
High Voltage Schottky Rectifiers
01-Jul-02
logo
Taiwan Semiconductor Co...
MBR10100 TSC-MBR10100 Datasheet
56Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
ON Semiconductor
MBR10100 ONSEMI-MBR10100 Datasheet
58Kb / 4P
SWITCHMODE Power Rectifiers
February, 2006 ??Rev. 6
logo
Taiwan Semiconductor Co...
MBR10100 TSC-MBR10100 Datasheet
264Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR10100.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com