Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3285PVC-LP Datasheet(PDF) 54 Page - Infineon Technologies AG

Part # CY8C3285PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3285PVC-LP Datasheet(HTML) 54 Page - Infineon Technologies AG

Back Button CY8C3285PVC-LP Datasheet HTML 50Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 51Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 52Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 53Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 54Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 55Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 56Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 57Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 58Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 53 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 8-2. CY8C58LP Analog Interconnect
Vccd
Vssd
Vddd
GPIO
P6[0]
GPIO
P6[3]
GPIO
P6[2]
GPIO
P6[1]
GPIO
P15[4]
GPIO
P15[5]
GPIO
P2[0]
GPIO
P2[4]
GPIO
P2[3]
GPIO
P2[2]
GPIO
P2[1]
Vddio2
SIO
P12[6]
SIO
P12[7]
USB IO
P15[6]
USB IO
P15[7]
Vddd
Vssd
Vccd
GPXT
P15[0]
GPXT
P15[1]
GPIO
P3[5]
GPIO
P3[4]
GPIO
P3[3]
GPIO
P3[2]
GPIO
P3[1]
AGR[4]
AGR[7]
AGR[6]
AGR[5]
AGL[0]
AGL[3]
AGL[2]
AGL[1]
AGR[0]
AGR[3]
AGR[2]
AGR[1]
**
*
*
*
*
*
*
*
*
*
* Denotes pins on all packages
DSM
v0
v2
v1
v3
i1
i3
i0
i2
VIDAC
76543210
76543210
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
comp0
comp2
comp1
comp3
COMPARATOR
Notes:
AMUXBUSR
AMUXBUSL
i1
i3
i2
i0
Rev #60
10-Feb-2012
opamp0
GPIO
P0[5]
GPIO
P0[7] *
GPIO
P1[6]
*
GPIO
P1[7]
*
GPIO
P5[7]
GPIO
P5[6]
GPIO
P5[5]
GPIO
P5[4]
GPIO
P4[4]
GPIO
P4[7]
GPIO
P4[6]
GPIO
P4[5]
GPIO
P4[3]
GPIO
P4[2]
ABUSL0
AGL[4]
AGL[7]
AGL[6]
AGL[5]
vssa
AMUXBUSL
AMUXBUSR
AMUXBUSL
AMUXBUSR
ABUSL1
ABUSL2
ABUSL3
ABUSR3
ABUSR2
ABUSR1
ABUSR0
ExVrefL
ExVrefR
ExVrefR
ExVrefL
+
-
qtz_ref
refs
GPIO
P3[0]
GPIO
P0[6] *
LPF
in0
out0
in1
out1
sc0
sc1
sc2
sc3
Vin
Vref
out
out
out
SC/CT
out
Mux Group
Switch Group
Connection
Large ( ~200 Ohms)
Small ( ~870 Ohms )
Switch Resistance
Vin
Vref
Vin
Vref
Vin
Vref
Vss ref
TS
ADC
GPIO
P0[4]
ANALOG
GLOBALS
ANALOG
BUS
0123
3210
ANALOG
BUS
ANALOG
GLOBALS
refbufr
refbufl
in
out
ref
in
out
ref
vssa
CAPSENSE
Vssa
SAR ADC
Vp (+)
Vn (-)
(+) Vp
(-) Vn
ExVrefL2
ExVrefL1
refs
refs
Vrefhi_out
Vrefhi_out
ExVrefL1
opamp2
opamp3
opamp1
ExVrefL2
cmp0_vref
(1.024V)
vref_cmp1
(0.256V)
Vdda
sc0_bgref
(1.024V)
refbuf_vref1 (1.024V)
refbuf_vref2 (1.2V)
dac_vref (0.256V)
dsm0_vcm_vref1 (0.8V)
dsm0_qtz_vref2 (1.2V)
SAR_vref2 (1.2V)
SAR_vref1 (1.024V)
abuf_vref_int
(1.024V)
3210
0123
LCD signals are not shown.
:
VBE
vref_vss_ext
sc2_bgref
(1.024V)
sc1_bgref
(1.024V)
sc3_bgref
(1.024V)
dsm0_vcm_vref2 (0.7V)
vcmsel[1:0]
Vdda/3
Vdda/4
refmux[2:0]
dsm0_qtz_vref1 (1.024V)
Vdda
Vdda/2
refmux[2:0]
SAR_vref2 (1.2V)
SAR_vref1 (1.024V)
Vdda
Vdda/2
refmux[2:0]
vcm
DAC0
DAC2
DAC1
DAC3
DSM0
+
-
+
-
+
-
+
-
SAR0
SAR1
cmp_muxvn[1:0]
Vdda/2
bg_vda_swabusl0
cmp1_vref
refsel[1:0]
cmp0_vref
(1.024V)
abuf_vref_int
(1.024V)
bg_vda_res_en
refbuf_vref1 (1.024V)
refbuf_vref2 (1.2V)
refsel[1:0]
swout
swin
swout
swin
swfol
swfol
swfol
swfol
swinn
swinn
swinp
swinp
swinp
swinn
swinp
swinn
LPF
vssd
en_resvda
en_resvda
To preserve detail of this figure, this figure is best viewed with a PDF display program or printed on a 11” × 17” paper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com