Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3285PVC-LP Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # CY8C3285PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3285PVC-LP Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button CY8C3285PVC-LP Datasheet HTML 61Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 62Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 63Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 64Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 65Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 66Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 67Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 68Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 64 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
9.3 Debug Features
The CY8C58LP supports the following debug features:
Halt and single-step the CPU
View and change CPU and peripheral registers, and RAM
addresses
Six program address breakpoints and two literal access
breakpoints
Data watchpoint events to CPU
Patch and remap instruction from flash to SRAM
Debugging at the full speed of the CPU
Compatible with PSoC Creator and MiniProg3 programmer
and debugger
Standard JTAG programming and debugging interfaces make
CY8C58LP compatible with other popular third-party tools (for
example, Arm / Keil)
9.4 Trace Features
The following trace features are supported:
Instruction trace
Data watchpoint on access to data address, address range, or
data value
Trace trigger on data watchpoint
Debug exception trigger
Code profiling
Counters for measuring clock cycles, folded instructions,
load/store operations, sleep cycles, cycles per instruction,
interrupt overhead
Interrupt events trace
Software event monitoring, “printf-style” debugging
9.5 SWV and TRACEPORT Interfaces
The SWV and TRACEPORT interfaces provide trace data to a
debug host via the Cypress MiniProg3 or an external trace port
analyzer. The 5 pin TRACEPORT is used for rapid transmission
of large trace streams. The single pin SWV mode is used to
minimize the number of trace pins. SWV is shared with a JTAG
pin. If debugging and tracing are done at the same time then
SWD may be used with either SWV or TRACEPORT, or JTAG
may be used with TRACEPORT, as shown in Table 9-1.
9.6 Programming Features
The JTAG and SWD interfaces provide full programming
support. The entire device can be erased, programmed, and
verified. Designers can increase flash protection levels to protect
firmware IP. Flash protection can only be reset after a full device
erase. Individual flash blocks can be erased, programmed, and
verified, if block security settings permit.
9.7 Device Security
PSoC 5LP offers an advanced security feature called device
security, which permanently disables all test, programming, and
debug ports, protecting your application from external access.
The device security is activated by programming a 32-bit key
(0x50536F43) to a Write Once Latch (WOL).
The WOL is a type of nonvolatile latch (NVL). The cell itself is an
NVL with additional logic wrapped around it. Each WOL device
contains four bytes (32 bits) of data. The wrapper outputs a ‘1’ if
a super-majority (28 of 32) of its bits match a pre-determined
pattern (0x50536F43); it outputs a ‘0’ if this majority is not
reached. When the output is 1, the Write Once NV latch locks the
part out of Debug and Test modes; it also permanently gates off
the ability to erase or alter the contents of the latch. Matching all
bits is intentionally not required, so that single (or few) bit failures
do not deassert the WOL output. The state of the NVL bits after
wafer processing is truly random with no tendency toward 1 or 0.
The WOL only locks the part after the correct 32-bit key
(0x50536F43) is loaded into the NVL's volatile memory,
programmed into the NVL's nonvolatile cells, and the part is
reset. The output of the WOL is only sampled on reset and used
to disable the access. This precaution prevents anyone from
reading, erasing, or altering the contents of the internal memory.
The user can write the key into the WOL to lock out external
access only if no flash protection is set (see “Flash Security”
section on page 19). However, after setting the values in the
WOL, a user still has access to the part until it is reset. Therefore,
a user can write the key into the WOL, program the flash
protection data, and then reset the part to lock it.
If the device is protected with a WOL setting, Cypress cannot
perform failure analysis and, therefore, cannot accept RMAs
from customers. The WOL can be read out via SWD port to
electrically identify protected parts. The user can write the key in
WOL to lock out external access only if no flash protection is set.
For more information on how to take full advantage of the
security features in PSoC see the PSoC 5 TRM.
Disclaimer
Note the following details of the flash code protection features on
Cypress devices.
Cypress products meet the specifications contained in their
particular Cypress datasheets. Cypress believes that its family
of products is one of the most secure families of its kind on the
market today, regardless of how they are used. There may be
methods, unknown to Cypress, that can breach the code
protection features. Any of these methods, to our knowledge,
would be dishonest and possibly illegal. Neither Cypress nor any
other semiconductor manufacturer can guarantee the security of
their code. Code protection does not mean that we are
guaranteeing the product as “unbreakable.”
Cypress is willing to work with the customer who is concerned
about the integrity of their code. Code protection is constantly
evolving. We at Cypress are committed to continuously
improving the code protection features of our products.
Table 9-1. Debug Configurations
Debug and Trace Configuration
GPIO Pins Used
All debug and trace disabled
0
JTAG
4 or 5
SWD
2
SWV
1
TRACEPORT
5
JTAG + TRACEPORT
9 or 10
SWD + SWV
3
SWD + TRACEPORT
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com