Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3285PVC-LP Datasheet(PDF) 100 Page - Infineon Technologies AG

Part # CY8C3285PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3285PVC-LP Datasheet(HTML) 100 Page - Infineon Technologies AG

Back Button CY8C3285PVC-LP Datasheet HTML 96Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 97Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 98Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 99Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 100Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 101Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 102Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 103Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 104Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 99 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.5.7 Current Digital-to-analog Converter (IDAC)
All specifications are based on use of the low-resistance IDAC output pins (see Pin Descriptions on page 12 for details). See the
IDAC component data sheet in PSoC Creator for full electrical specifications and APIs.
Unless otherwise specified, all charts and graphs show typical values.
Table 11-34. IDAC DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Resolution
–
–
8
bits
IOUT
Output current at code = 255
Range = 2.04 mA, code = 255,
VDDA ≥ 2.7 V, Rload = 600 Ω
–2.04
–
mA
Range = 2.04 mA, High mode,
code = 255, VDDA ≤ 2.7 V,
Rload = 300
Ω
–2.04
–
mA
Range = 255 µA, code = 255,
Rload = 600
Ω
–255
–
µA
Range = 31.875 µA, code = 255,
Rload = 600
Ω
–
31.875
–
µA
Monotonicity
–
–
Yes
Ezs
Zero scale error
–
0
±1
LSB
Eg
Gain error
Range = 2.04 mA
–
–
±2.5
%
Range = 255 µA
–
–
±2.5
%
Range = 31.875 µA
–
–
±3.5
%
TC_Eg
Temperature coefficient of gain
error
Range = 2.04 mA
–
–
0.045
% / °C
Range = 255 µA
–
–
0.045
% / °C
Range = 31.875 µA
–
–
0.05
% / °C
INL
Integral nonlinearity
Sink mode, range = 255 µA, Codes
8–255, Rload = 2.4 k
Ω,
Cload = 15 pF
–±0.9
±1
LSB
Source mode, range = 255 µA,
Codes 8–255, Rload = 2.4 k
Ω,
Cload = 15 pF
–±1.2
±1.6
LSB
Source mode, range = 31.875 µA,
Codes 8–255, Rload = 20 kΩ,
Cload = 15 pF[60]
–±0.9
±2
LSB
Sink mode, range = 31.875 µA,
Codes 8–255, Rload = 20 kΩ,
Cload = 15 pF[60]
–±0.9
±2
LSB
Source mode, range = 2.04 mA,
Codes 8–255, Rload = 600 Ω,
Cload = 15 pF[60]
–±0.9
±2
LSB
Sink mode, range = 2.04 mA,
Codes 8–255, Rload = 600 Ω,
Cload = 15 pF[60]
–±0.6
±1
LSB
Notes
60. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com