Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3285PVC-LP Datasheet(PDF) 104 Page - Infineon Technologies AG

Part # CY8C3285PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3285PVC-LP Datasheet(HTML) 104 Page - Infineon Technologies AG

Back Button CY8C3285PVC-LP Datasheet HTML 100Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 101Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 102Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 103Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 104Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 105Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 106Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 107Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 108Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 103 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-57. IDAC Step Response, Codes 0x40 - 0xC0,
255-µA Mode, Source Mode, Fast Mode, VDDAa = 5 V
Figure 11-58. IDAC Glitch Response, Codes 0x7F - 0x80,
255 µA Mode, Source Mode, Fast Mode, VDDA = 5 V
Figure 11-59. IDAC PSRR vs Frequency
Figure 11-60. IDAC Current Noise, 255 µA Mode,
Source Mode, Fast Mode, VDDA = 5 V
Table 11-35. IDAC AC Specifications[62]
Parameter
Description
Conditions
Min
Typ
Max
Units
FDAC
Update rate
–
–
8
Msps
TSETTLE
Settling time to 0.5 LSB
Range = 31.875 µA, full scale
transition, fast mode, 600
Ω 15-pF
load
–
–
125
ns
Range = 255 µA, full scale
transition, fast mode, 600
Ω 15-pF
load
–
–
125
ns
Current noise
Range = 255 µA, source mode, fast
mode, Vdda = 5 V, 10 kHz
–340
–
pA/sqrtHz
150
200
250
0
50
100
00.511.5
2
Time, μs
128
130
132
134
120
122
124
126
00.511.5
2
Time, μs
20
30
40
50
60
0
10
20
0.1
1
10
100
1000
10000
Frequency, kHz
255 A, code 0x7F
255 A, code 0xFF
100
1000
10000
1
10
100
0.01
0.1
1
10
100
Frequency, kHz
Note
62. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com