Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40104 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF40104
Description  4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40104 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF40104 Datasheet HTML 2Page - STMicroelectronics HCF40104 Datasheet HTML 3Page - STMicroelectronics HCF40104 Datasheet HTML 4Page - STMicroelectronics HCF40104 Datasheet HTML 5Page - STMicroelectronics HCF40104 Datasheet HTML 6Page - STMicroelectronics HCF40104 Datasheet HTML 7Page - STMicroelectronics HCF40104 Datasheet HTML 8Page - STMicroelectronics HCF40104 Datasheet HTML 9Page - STMicroelectronics HCF40104 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall time = 20ns)
Test Conditions
Val ue
Symbol
Parameter
V DD (V) Min.
Typ.
Max.
Unit
t PLH,t PHL
Propagation Delay Time
Clock to Q
5220
440
ns
10
100
200
15
70
140
t PZ H,tPZ L ,
t PL Z
3-state Outputs s
High Impedance
580
160
ns
10
35
70
15
25
50
t PHZ
545
90
ns
10
25
50
15
20
40
t THL,tTL H Transition Time
5
100
200
ns
10
50
100
15
40
80
t se tu p
Setup Time D0,D3,SR, SL
to Clock
580
100
ns
10
35
70
15
20
50
S0, S1 to Clock
5
200
400
ns
10
110
220
15
65
130
t hold
Hold Time D0,D3,SR, SL
to Clock
5– 65
0
ns
10
– 25
0
15
– 15
0
S0, S1 to Clock
5
– 170
0
ns
10
– 95
0
15
– 55
0
t W
Clock Pulse Width
5
90
180
ns
10
40
180
15
25
50
f CL
Clock Input Frequency
5
3
6
MHz
10
6
12
15
8
15
t r,tf
Clock Input Rise or Fall Time
5
1000
µs
10
100
15
100
t W
Reset Pulse Width*
5
150
300
ns
10
100
200
15
70
140
t PRHL
Propagation Delay Reset*
5
230
460
ns
10
90
180
15
65
130
s For 40104B series only
* For 40194B series only.
HCC/HCF40104B/40194B
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com