Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40104 Datasheet (PDF) - STMicroelectronics

HCF40104 Datasheet PDF - STMicroelectronics
Part # HCF40104
Download  HCF40104 Download
File Size   254.86 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER

HCF40104 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF40104 Datasheet PDF - STMicroelectronics

Part # HCF40104
Download  HCF40104 Click to download

File Size   254.86 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER

HCF40104 Datasheet (HTML) - STMicroelectronics


HCF40104 Product details

DESCRIPTION
The HCC40104B, HCC40194B, (extended temperature range) and the HCC40104B, HCF40194B (intermediate temperature range) are monolithic integrated circuits, available in 16-lead dual in-line plastic or ceramic package and plastic micro package. The HCC/HCF 40104B is a universal shift registerfeaturing parallel inputs, parallel outputs, SHIFT RIGHT and SHIFT LEFT serial inputs, and a high-impedance third output state allowing the device to be used in bus-organized systems.

■ MEDIUM-SPEED OPERATION : fCL = 9MHz (typ.) @ VDD = 10V
■ FULLY STATIC OPERATION
■ SYNCHRONOUS PARALLEL OR SERIAL OPERATION
■ THREE-STATE OUTPUTS (HCC/HCF40104B)
■ ASYNCHRONOUS MASTER RESET (HCC/HCF40194B)
■ STANDARDIZED, SYMMETRICAL OUTPUT CHARACTERISTICS
■ QUIESCENT CURRENT AT 20V FOR HCC DEVICE
■ 5V, 10V, AND 15V PARAMETRIC RATINGS
■ INPUT CURRENT OF 100nA AT 18V AND 25°C FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
   STANDARDN°13A, ”STANDARD SPECIFICATIONS
   FOR DESCRIPTION OF ”B”
   SERIES CMOS DEVICES”




Similar Part No. - HCF40104

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
302Kb / 13P
HEX BUFFER/CONVERTERS
Sep-1988
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
268Kb / 11P
9-BIT PARITY GENERATOR/CHECKER
Jun-1989
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
484Kb / 13P
Hex buffer/converter (non-inverting)
13-Jan-2014
HCF40100B STMICROELECTRONICS-HCF40100B Datasheet
287Kb / 13P
32-STAGE STATIC LEFT/RIGHT SHIFT REGISTER
Jun-1989
More results


Similar Description - HCF40104

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
4-bit bidirectional universal shift register
1989 Apr 04
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
4-bit bidirectional universal shift register
December 1990
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
4-Bit Bidirectional Universal Shift Register
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
4-Bit Bidirectional Universal Shift Register
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
4-bit bidirectional universal shift register
December 1990
logo
Nexperia B.V. All right...
74HC194 NEXPERIA-74HC194 Datasheet
240Kb / 14P
4-bit bidirectional universal shift register
Rev. 4 - 16 March 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com