Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40104 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF40104
Description  4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40104 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF40104 Datasheet HTML 1Page - STMicroelectronics HCF40104 Datasheet HTML 2Page - STMicroelectronics HCF40104 Datasheet HTML 3Page - STMicroelectronics HCF40104 Datasheet HTML 4Page - STMicroelectronics HCF40104 Datasheet HTML 5Page - STMicroelectronics HCF40104 Datasheet HTML 6Page - STMicroelectronics HCF40104 Datasheet HTML 7Page - STMicroelectronics HCF40104 Datasheet HTML 8Page - STMicroelectronics HCF40104 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCC/HCF40104B
HCC/HCF40194B
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
DESCRIPTION
.
MEDIUM-SPEED OPERATION : fCL = 9MHz
(typ.) @ VDD = 10V
.
FULLY STATIC OPERATION
.
SYNCHRONOUS
PARALLEL
OR
SERIAL
OPERATION
.
THREE-STATE OUTPUTS (HCC/HCF40104B)
.
ASYNCHRONOUS
MASTER
RESET
(HCC/HCF40194B)
.
STANDARDIZED, SYMMETRICAL OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT AT 20V FOR HCC DE-
VICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC40104B, HCC40194B, (extended tem-
perature range) and the HCC40104B, HCF40194B
(intermediate temperature range) are monolithic in-
tegrated circuits, available in 16-lead dual in-line
plastic or ceramic package and plastic micro pack-
age. The HCC/HCF 40104B is a universal shift reg-
ister featuring parallel inputs, parallel outputs, SHIFT
RIGHT and SHIFT LEFT serial inputs, and a high-im-
pedance third output state allowing the device to be
used in bus-organized systems. In the parallel-load
mode (S0 and S1 are high), data is loaded into the
associated flip-flop and appears at the output after
the positive transition of the CLOCK input. During
loading, serial data flow is inhibited. Shift-right and
shift-left are accomplished synchronously on the
positive clock edge with serial data entered at the
SHIFT RIGHT and SHIFT LEFT serial inputs, re-
spectively. Clearing the register is accomplished by
setting both mode controls low and clocking the reg-
ister. When the output enable input is low, all outputs
assume
the
high
impedance
state.
The
HCC/HCF40194B is a universal shift register featur-
ing parallel inputs, parallel outputs SHIFT RIGHT and
SHIFT LEFT serial inputs, and a direct overriding
clear input. In the parallel-load mode (S0 and S1 are
high), data is loaded into the associated flip-flop and
EY
(Plastic Package)
F
(Ceramic Package)
C1
(Plastic Chip Carrier )
ORDER CODES :
HCC401XXBF
HCF401XXBEY
HCF401XXBC1
PIN CONNECTIONS
40104B
40194B
1/12


Similar Part No. - HCF40104

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
302Kb / 13P
HEX BUFFER/CONVERTERS
Sep-1988
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
268Kb / 11P
9-BIT PARITY GENERATOR/CHECKER
Jun-1989
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
484Kb / 13P
Hex buffer/converter (non-inverting)
13-Jan-2014
HCF40100B STMICROELECTRONICS-HCF40100B Datasheet
287Kb / 13P
32-STAGE STATIC LEFT/RIGHT SHIFT REGISTER
Jun-1989
More results

Similar Description - HCF40104

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
4-bit bidirectional universal shift register
1989 Apr 04
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
4-bit bidirectional universal shift register
December 1990
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
4-Bit Bidirectional Universal Shift Register
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
4-Bit Bidirectional Universal Shift Register
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
4-bit bidirectional universal shift register
December 1990
logo
Nexperia B.V. All right...
74HC194 NEXPERIA-74HC194 Datasheet
240Kb / 14P
4-bit bidirectional universal shift register
Rev. 4 - 16 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com