Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPTC0 Datasheet(PDF) 20 Page - ITT Industries

Part # KPTC0
Description  General Purpose Connectors with Crimp Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPTC0 Datasheet(HTML) 20 Page - ITT Industries

Back Button KPTC0 Datasheet HTML 13Page - ITT Industries KPTC0 Datasheet HTML 14Page - ITT Industries KPTC0 Datasheet HTML 15Page - ITT Industries KPTC0 Datasheet HTML 16Page - ITT Industries KPTC0 Datasheet HTML 17Page - ITT Industries KPTC0 Datasheet HTML 18Page - ITT Industries KPTC0 Datasheet HTML 19Page - ITT Industries KPTC0 Datasheet HTML 20Page - ITT Industries KPTC0 Datasheet HTML 21Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
KPTC
Subject to changes
Contacts
Contact size
Order reference
Hard gold plated
20 Socket
031-8704-508
20 Pin
430-8560-404
16Socket
031-8704-502
16 Pin
430-8560-406
Flange Gaskets
Shell size
Alu-Flex
Chloroprene
conductive
non-conductive
8
075-8543-000
075-8543-010
10
075-8543-001
075-8543-011
12
075-8543-002
075-8543-012
14
075-8543-003
075-8543-013
16
075-8543-004
075-8543-014
18
075-8543-005
075-8543-015
20
075-8543-006
075-8543-016
22
075-8543-007
075-8543-017
24
075-8543-008
075-8543-018
Wire hole fillers
Contact size
Colour code
ITT Cannon
20
Red
225-1012-000
16
Blue
225-1011-000
Mounting adapter
see KPTC Assembly instructions
Wire Sizes
Contact size 20
Wire size metric:
0,4-0,75 mm2
Sealing area (Insulation Ø)
1,4-2,15 mm /.0022 -.0033
Contact size 18
Wire size metric:
1,0-2,0 mm2
Sealing area (Insulation Ø)
1,6-2,7 mm / .0025 - .0042
Customer application tools
Crimp tools
Hand tool
Turret
Test gage for hand tool
for contact size 20, 16
M22520/1-01
M22520/1-02
M22520-/3-1
Semi-automatic Crimpstation
HACS-KPTC
Pneumatic tool, bench mounted
612141with turret M22520/1-02
Insertion tools
Contact size
Tool
Spare tip
20
CITG-20A
CITG-20A-Tip
16
CIT-16
CIT-16-Tip
Contact size
Tool (pair of pliers)
20
CIT-KPTC-20
16
CIT-F80-16
Extraction tools
Contact size
Tool
Spare tip
20
CET-KPTC-20
CET-KPTC-20-Tip
16
CET-KPTC-16
CET-KPTC-16-Tip
for shell size 8
and contact arrangement 12-14 only:
Contact size
Order reference
Hard gold
Hard silver
plated
plated
20 Socket
031-8704-509
031-8704-506
20 Pin
430-8560-411
430-8560-410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com