Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPTC0 Datasheet(PDF) 10 Page - ITT Industries

Part # KPTC0
Description  General Purpose Connectors with Crimp Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPTC0 Datasheet(HTML) 10 Page - ITT Industries

Back Button KPTC0 Datasheet HTML 6Page - ITT Industries KPTC0 Datasheet HTML 7Page - ITT Industries KPTC0 Datasheet HTML 8Page - ITT Industries KPTC0 Datasheet HTML 9Page - ITT Industries KPTC0 Datasheet HTML 10Page - ITT Industries KPTC0 Datasheet HTML 11Page - ITT Industries KPTC0 Datasheet HTML 12Page - ITT Industries KPTC0 Datasheet HTML 13Page - ITT Industries KPTC0 Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
KPTC
Subject to changes
Dimensions are inches
Shell size*
A
L
Q
K
M
R
S
T Æ
Z
+.001-.005
max
Thread Type 2A
±.010
±.006
max
±.006
max
8
.472
.850
7/16-28UNEF
.531
.457
.594
.827
.120
.484
10
.591
.850
9/16-24UNEF
.531
.457
.720
.953
.120
.484
12
.750
.850
1-1/16-24UNEF
.531
.457
.811
1.047
.120
.484
14
.875
.850
1-3/16-20UNEF
.531
.457
.906
1.142
.120
.484
16
1.000
.850
1-5/16-20UNEF
.531
.457
.969
1.232
.120
.484
18
1.125
.850
1-1/16-18UNEF
.531
.457
1.063
1.327
.120
.484
20
1.250
1.055
1-3/16-18UNEF
.650
.561
1.157
1.453
.120
.425
22
1.375
1.055
1-5/16-18UNEF
.650
.561
1.252
1.579
.120
.425
24
1.500
1.055
1-7/16-18UNEF
.681
.594
1.374
1.705
.148
.394
*) How to order see page 4
without endbell
Dimensions are mm
Shell size*
Ø A
L
Q
K
M
R
S
T Ø
Z
+0,03
max.
Thread Class 2A
±0,25
±0,15
±0,15
max.
±0,15
max.
8
12,00
21,6
7/16-28UNEF
13,5
11,6
15,1
21,0
3,05
12,3
10
15,00
21,6
9/16-24UNEF
13,5
11,6
18,3
24,2
3,05
12,3
12
19,05
21,6
1-1/16-24UNEF
13,5
11,6
20,6
26,6
3,05
12,3
14
22,3
21,6
1-3/16-20UNEF
13,5
11,6
23,0
29,0
3,05
12,3
16
25,40
21,6
1-5/16-20UNEF
13,5
11,6
24,6
31,3
3,05
12,3
18
28,58
21,6
1-1/16-18UNEF
13,5
11,6
27,0
33,7
3,05
12,3
20
31,75
26,8
1-3/16-18UNEF
16,5
14,25
29,4
36,9
3,05
10,8
22
34,93
26,8
1-5/16-18UNEF
16,5
14,25
31,8
40,1
3,05
10,8
24
38,10
26,8
1-7/16-18UNEF
17,3
15,1
34,9
43,3
3,75
10,0
*) How to order see page 4
Ø T
4 Mounting holes
Wall mounting receptacle KPTC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com