Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPTC0 Datasheet(PDF) 14 Page - ITT Industries

Part # KPTC0
Description  General Purpose Connectors with Crimp Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPTC0 Datasheet(HTML) 14 Page - ITT Industries

Back Button KPTC0 Datasheet HTML 10Page - ITT Industries KPTC0 Datasheet HTML 11Page - ITT Industries KPTC0 Datasheet HTML 12Page - ITT Industries KPTC0 Datasheet HTML 13Page - ITT Industries KPTC0 Datasheet HTML 14Page - ITT Industries KPTC0 Datasheet HTML 15Page - ITT Industries KPTC0 Datasheet HTML 16Page - ITT Industries KPTC0 Datasheet HTML 17Page - ITT Industries KPTC0 Datasheet HTML 18Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
KPTC
Subject to changes
without endbell
Dimensions are mm
Shell size*
A Ø
F
H
K
M
R
S
T Panel thickness
Ø Y
Z
+0,03-0,13
±0,15
±0,15
±0,25
±0,15
Thread Class 2 A
±0,5
min.
max.
max.
max.
8
12,0
13,3
19,0
3,2
17,7
9/16-24UNEF
24,0
1,6
3,5
28,0
7,9
10
15,0
16,5
22,2
3,2
17,7
11/16-24UNEF
27,0
1,6
3,5
31,0
7,9
12
19,05
20,6
27,0
3,2
17,7
7/8-20UNEF
32,0
1,6
3,5
36,0
7,9
14
22,23
23,8
30,2
3,2
17,7
1-20UNEF
35,0
1,6
3,5
39,0
7,9
16
25,40
26,9
33,3
3,2
17,7
1-1/8-18UNEF
38,5
1,6
3,5
42,0
7,9
18
28,58
30,1
36,5
3,2
17,7
1-1/4-18UNEF
41,5
1,6
3,5
45,0
7,9
20
31,75
33,3
39,7
4,0
22,5
1-3/8-18UNEF
46,0
1,6
6,5
50,0
4,7
22
34,93
36,5
42,9
4,0
22,5
1-1/2-18UNEF
49,5
1,6
6,5
55,0
4,7
24
38,10
39,6
46,0
4,0
23,3
1-5/8 -18UNEF
52,5
1,6
6,5
57,0
3,8
*) How to order see page 4
Jam Nut Receptacle KPTC7
Dimensions are inches
Shell size*
A
F
H
K
M
R
S
T Panel thickness
Y
→
Z
+.001-.005
±.006
±.006
±.010
±.006
Thread Class 2
±.010
min
max
max
max
8
.472
.524
.748
.126
.697
9/16-24UNEF
.945
.063
.138
1.102
.311
10
.591
.650
.874
.126
.697
11/16-24UNEF
1.063
.063
.138
1.220
.311
12
.750
.811
1.063
.126
.697
7/8-20UNEF
1.260
.063
.138
1.417
.311
14
.875
.937
1.189
.126
.697
1-20UNEF
1.378
.063
.138
1.535
.311
16
1.000
1.059
1.311
.126
.697
1-1/8-18UNEF
1.516
.063
.138
1.654
.311
18
1.125
1.185
1.437
.126
.697
1-1/4-18UNEF
1.634
.063
.138
1.772
.311
20
1.250
1.311
1.563
.157
.886
1-3/8-18UNEF
1.811
.063
.256
1.969
.185
22
1.375
1.437
1.689
.157
.886
1-1/2-18UNEF
1.949
.063
.256
2.165
.185
24
1.500
1.559
1.811
.157
.917
1-5/8-18UNEF
2.067
.063
.256
2.244
.150
*) How to order see page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com