Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 2Page - Texas Instruments LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
FB2
1
I
Connect FB2 through a 7.5kΩ, 24.9kΩ or 48.7kΩ resistor to VDDA to set the output voltage at 3.3V, 5V
or 12V, respectively. Alternatively, use a resistive divider from VOUT2 to FB2 to set the output voltage
setpoint of channel 2 between 0.8V and 60V. The FB2 regulation voltage is 0.8V.
VOUT2
3
I
Output voltage sense and the current sense amplifier input of channel 2. Connect VOUT2 to the output
side of the channel 2 current sense resistor (or to the relative sense capacitor terminal if inductor DCR
current sensing is used).
ISNS2+
4
I
Channel 2 current sense amplifier input. Connect ISNS2+ to the inductor side of the external current
sense resistor (or to the relevant sense capacitor terminal if inductor DCR current sensing is used)
using a low-current Kelvin connection.
PG2
5
O
An open-drain output that goes low if VOUT2 is outside a specific regulation window
EN2
6
I
An active high input (VEN2 > 1V typical) enables channel 2. If VEN2 < 0.5V, channel 2 is disabled and is
in shutdown mode unless a SYNC signal is present at PFM/SYNC. EN2 must never be left floating.
VIN
8
P
Supply voltage input source for the VCC regulator
HO2
9
P
Channel 2 high-side gate driver output
SW2
10
P
Switching node of the channel 2 buck regulator. Connect to the bootstrap capacitor, the source terminal
of the high-side MOSFET, and the drain terminal of the low-side MOSFET.
CBOOT2
11
P
Channel 2 high-side driver supply for bootstrap gate drive
LO2
12
P
Channel 2 low-side gate driver output
PGND
13
G
Power ground connection pin for the low-side MOSFET gate driver
VCC
14
P
VCC bias supply pin. Connect a ceramic capacitor between VCC and PGND.
LO1
15
P
Channel 1 low-side gate driver output
CBOOT1
16
P
Channel 1 high-side driver supply for bootstrap gate drive
SW1
17
P
Switching node of the channel 1 buck regulator. Connect to the bootstrap capacitor, the source terminal
of the high-side MOSFET, and the drain terminal of the low-side MOSFET.
HO1
18
P
Channel 1 high-side gate driver output
EN1
20
I
An active high input (VEN1 > 1V typical) enables channel 1. If VEN1 < 0.5V, channel 1 is disabled and is
in shutdown mode unless a SYNC signal is present at PFC/SYNC. EN1 must never be left floating.
PG1
21
O
An open-collector output that goes low if VOUT1 is outside a specified regulation window.
ISNS1+
22
I
Channel 1 current sense amplifier input. Connect ISNS1+ to the inductor side of the external current
sense resistor (or to the relevant sense capacitor terminal if inductor DCR current sensing is used)
using a low-current Kelvin connection.
BIAS1/
VOUT1
23
I
If VBIAS1 > 4.3V, BIAS1 becomes the supply voltage to the internal VCC regulator. BIAS1 also acts as
the primary VOUT1 sensing and the current sense amplifier input for channel 1. Connect BIAS/VOUT1
to the output side of the channel 1 current sense resistor.
CNFG
26
I
Connect a resistor from CNFG to GND to set the output configuration and to activate DRSS at one of
two modulation frequencies (or to disable). See also Table 7-1.
FB1
25
I
Connect FB1 through a 7.5kΩ, 24.9kΩ or 48.7kΩ resistor to VDDA to set the output voltage at 3.3V, 5V
or 12V, respectively. Alternatively, use a resistive divider from VOUT1 to FB1 to set the output voltage
setpoint of channel 1 between 0.8V and 60V. The FB1 regulation voltage is 0.8V.
COMP1
28
O
Output of the channel 1 transconductance error amplifier. COMP1 is high impedance in interleaved or
secondary mode. Pulling COMP1 below 100mV in interleaved mode disables the HO1 and LO1 gate
driver outputs.
RSS
29
I
Connect a resistor from RSS to GND to set the soft-start time between 1.5ms and 20ms
RT
30
O
Frequency programming pin. A resistor from RT to AGND sets the oscillator frequency between 100kHz
and 2.2MHz.
AGND
31
G
Analog ground connection. Ground return for the internal voltage reference and analog circuits.
VDDA
32
P
Internal analog bias regulator output. Connect a 1µF ceramic decoupling capacitor from VDDA to
AGND.
SYNCOUT
33
O
SYNCOUT is a logic-level signal with a rising edge approximately 90° lagging HO1 (or 90° leading
HO2). When SYNCOUT is used to synchronize a second LM25137 controller, the phases operate at 0°,
90°, 180° and 270° as needed.
LM25137
SNVSCU4 – OCTOBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com