Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
Table 5-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
PFM/SYNC
34
I
Connect PFM/SYNC to VDDA to operate the LM25137 in PFM mode. Connect PFM/SYNC to GND
to enable forced PWM (FPWM) mode with continuous conduction at light loads. Use PFM/SYNC as a
synchronization input to synchronize the internal oscillator to an external clock.
COMP2
35
O
Output of the channel 2 transconductance error amplifier. COMP2 is high impedance in single-output
interleaved mode. Pulling COMP2 below 100mV in interleaved mode disables the HO2 and LO2 gate
driver outputs.
GND
2, 7, 19,
24, 27,
36
G
Unused pins – connect to the exposed pad on the PCB.
(1)
P = Power, G = Ground, I = Input, O = Output
5.1 Wettable Flanks
100% automated visual inspection (AVI) post-assembly is typically required to meet requirements for high
reliability and robustness. Standard quad-flat no-lead (QFN) packages do not have solderable or exposed
pins and terminals that are easily viewed. Visually determining whether or not the package is successfully
soldered onto the printed-circuit board (PCB) is therefore difficult. The wettable-flank process was developed to
resolve the issue of side-lead wetting of leadless packaging. The LM25137 is assembled using a 36-pin VQFN
package with wettable flanks to provide a visual indicator of solderability, which reduces inspection time and
manufacturing costs.
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com