Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
6.5 Electrical Characteristics (continued)
Typical values are at TJ = 25°C. Minimum and maximum limits apply at TJ = –40°C to 150°C. VIN = 12V, unless otherwise
stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VZC-SW
Zero-cross detection threshold
–5.5
mV
FSYNCIN
Frequency synchronization range
RRT = 10kΩ, ±20% of the nominal oscillator
frequency
1760
2640
kHz
tSYNC-MIN
Minimum pulsewidth of external
synchronization
20
ns
tSYNCIN-HO
Delay from PFM/SYNC rising edge to HO1
rising edge
90
ns
tPFM-FILTER
SYNCIN to PFM mode
14
70
µs
BOOTSTRAP CIRCUIT (CBOOT1, CBOOT2)
VBOOT1/2-DROP
Internal diode forward drop
ICBOOT1/2 = 20mA, VCC to CBOOT1/2
0.8
V
IBOOT1/2
CBOOT-to-SW quiescent current, not
switching
VEN1/2 = 5V, VCBOOT1/2 – VSW1/2 = 5V
2
µA
VBOOT1/2-SW-UV-R
CBOOT-to-SW UVLO rising threshold
VCBOOT1/2 – VSW1/2 rising
2.7
V
VBOOT1/2-SW-UV-F
CBOOT-to-SW UVLO falling threshold
VCBOOT1/2 – VSW1/2 falling
2.47
V
VCHARGE–PUMP1/2-
UNLOADED
Charge pump output voltage
ICBOOT1/2 = 0µA
4.8
V
ICHARGE–PUMP1/2
Charge pump output current
VCBOOT1/2 = 3.5V
20
µA
HIGH-SIDE GATE DRIVER (HO1, HO2)
VHO1/2-HIGH
HO1/2 high-state output voltage
IHO1/2 = –100mA
95
mV
VHO1/2-LOW
HO1/2 low-state output voltage
IHO1/2 = 100mA
43
mV
IHO1/2-SRC
HO1/2 peak source current
VHO1/2 = VSW1/2 = 0V
2
A
IHO1/2-SINK
HO1/2 peak sink current
VCBOOT1/2 – VSW1/2 = 5V
3
A
LOW-SIDE GATE DRIVER (LO1, LO2)
VLO1/2-HIGH
LO1/2 high-state output voltage
ILO1/2 = –100mA
100
mV
VLO1/2-LOW
LO1/2 low-state output voltage
ILO1/2 = 100mA
58
mV
ILO1/2-SRC
LO1/2 peak source current
VLO1/2 = 0V
2
A
ILO1/2-SINK
LO1/2 peak sink current
VVCC = 5V
3
A
ADAPTIVE DEADTIME CONTROL
tDEAD1
HO1/2 off to LO1/2 deadtime
20
ns
tDEAD2
LO1/2 off to HO1/2 on deadtime
20
ns
START-UP (RSS)
RSS1
1.5ms soft-start time
RSS1 = 0Ω
1.5
ms
RSS2
2ms soft-start time
RSS2 = 8.06kΩ
2
ms
RSS3
20ms soft-start time
RSS3 = 95.3kΩ
20
ms
DUAL RANDOM SPREAD SPECTURM (DRSS)
fm
Modulation frequency
7.2
12
16.8
kHz
ΔfSS1/2-LF
Low-frequency triangular spread spectrum
modulation range1 maximum
RCNFG = 19.1kΩ or 54.9kΩ
–5
5
%
ΔfSS2-LF
Low-frequency triangular spread spectrum
modulation range2 maximum
RCNFG = 29.4kΩ or 71.5kΩ
–10
10
%
OVERCURRENT PROTECTION (ISNS1+, ISNS2+)
VCS1/2-TH
Current limit threshold
Measured from ISNS1/2+ to VOUT1/2
54
60
66
mV
tDELAY1/2-ISNS+
ISNS+ delay from VCS-TH to HO off
48
ns
GCS1/2
CS amplifier gain
9.5
10
10.5
V/V
VCS-SHARE
COMP to current accuracy
VCOMP1/2 = 1.2V
54
60
66
mV
INTERNAL HICCUP MODE
HICDLY
Hiccup-mode activation delay
VISNS1/2+ – VVOUT1/2 > 60mV
512
cycles
HICTIME
Hiccup-mode duration
VISNS1/2+ – VVOUT1/2 > 60mV
16384
cycles
THERMAL SHUTDOWN
TSHD
Thermal shutdown threshold
Temperature rising
175
°C
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com