Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 44 Page - Texas Instruments

Part # LM5145
Description  LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
8.2.1.2.7 Feedback Resistors
Configure the dual outputs for fixed 5V and 3.3V voltage setpoints by tying the respective FB pins to VDDA
through 24.9kΩ and 7.5kΩ resistors, respectively.
Alternatively, use feedback resistor dividers values for 5V and 3.3V output voltage setpoints based on the 0.8V
feedback reference of the LM5137. Calculate the upper feedback resistors using Equation 39 assuming a value
of 15kΩ for the lower resistors.
(39)
Equation 40 calculates the resultant output voltage setpoints when using 78.7kΩ, 47kΩ and 15kΩ standard E192
0.5% resistor values.
(40)
In contrast to a fixed output option, installing a feedback resistor divider with a suitable series resistor, typically
50Ω, facilitates measurement of the loop gain characteristic as needed to characterize stability.
8.2.1.2.8 Input Voltage UVLO Resistors
Use Equation 41 and Equation 42 to calculate the input UVLO divider resistors, designated as RUV1 and RUV2
in Figure 7-2, given input turn-on and turn-off voltages specified as 6.5V and 4.5V, respectively. Use a 10kΩ
resistor in series with the applicable EN pin, designated as RUV3, to increase the effective voltage hysteresis
without using higher divider resistances.
(41)
(42)
Selecting standard 1% resistor values of 105kΩ and 19.1kΩ, calculate the actual input voltage turn-on and
turn-off setpoints using Equation 43.
LM5137
SNVSCU3 – OCTOBER 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com